Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR210MB5220M100R30 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PMR210MB5220M100R30
Description  PMR210/P410, Film, Metallized Paper, Resistor/Capacitor, 0.022 uF, 20%, 1000 VDC, 85C, Lead Spacing = 15.2mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PMR210MB5220M100R30 Datasheet(HTML) 1 Page - Kemet Corporation

  PMR210MB5220M100R30 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: PMR210MB5220M100R30
(P410QM223M250AH101)
PMR210/P410, Film, Metallized Paper, Resistor/Capacitor, 0.022 uF, 20%, 1000 VDC, 85C, Lead Spacing = 15.2mm
L
H
LL
F
T
S
Dimensions
L
18.5mm MAX
H
13mm MAX
T
7.3mm MAX
S
15.2mm +/-0.4mm
LL
30mm +5mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 400
General Information
Supplier: KEMET
Series: PMR210/P410
Dielectric: Metallized Paper
Style: Radial
Features: RC Unit approved
RoHS: Yes
Lead: Wire Leads
Qualifications: ENEC, UL, cUL
AEC-Q200: No
Construction: Molded
Miscellaneous: Resistor= 100 Ohms
Notes:
Not For New Design, Please Use
The New P410 Series @ 300
VAC
Specifications
Capacitance: 0.022 uF
Capacitance Tolerance: 20%
Voltage AC: 250 VAC
Voltage DC: 1000 VDC
Temperature Range: -40/+85C
Rated Temperature: 85C
Insulation Resistance: 3 GOhms
Safety Class: X1
© 2006 - 2019 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/02/2019 - 7689fcc2-942c-41e1-b9df-32ab9ba401a4


Similar Part No. - PMR210MB5220M100R30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMR210MB5220M100R30 ETC-PMR210MB5220M100R30 Datasheet
48Kb / 2P
   RC unit, class X1, metallized paper with integrated resistor
More results

Similar Description - PMR210MB5220M100R30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PMR210ME6100M100R30 KEMET-PMR210ME6100M100R30 Datasheet
58Kb / 1P
   PMR210/P410, Film, Metallized Paper, Resistor/Capacitor, 0.1 uF, 20%, 1000 VDC, 85C, Lead Spacing = 25.4mm
P410QM223M300AH101 KEMET-P410QM223M300AH101 Datasheet
52Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P410, 0.022 uF, 20%, 1,000 V, 85C, Lead Spacing = 15.2mm
P410QS333M300AH101 KEMET-P410QS333M300AH101 Datasheet
52Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P410, 0.033 uF, 20%, 1,000 V, 85C, Lead Spacing = 15.2mm
PMR205AB6220M220R30 KEMET-PMR205AB6220M220R30 Datasheet
55Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.22 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
PMR205AB6100M047R30 KEMET-PMR205AB6100M047R30 Datasheet
56Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.1 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
PMR205AB6100M100R30 KEMET-PMR205AB6100M100R30 Datasheet
55Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.1 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
PMR205AB6250M200R30 KEMET-PMR205AB6250M200R30 Datasheet
55Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.25 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
PMR205AB6100M220R30 KEMET-PMR205AB6100M220R30 Datasheet
55Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.1 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
PMR205AB6250M600R30 KEMET-PMR205AB6250M600R30 Datasheet
55Kb / 1P
   PMR205/P405, Film, Metallized Paper, Resistor/Capacitor, 0.25 uF, 20%, 250 VDC, 85C, Lead Spacing = 15.2mm
P410CP683M300AH101 KEMET-P410CP683M300AH101 Datasheet
52Kb / 1P
   Film, Metallized Paper, Resistor/Capacitor, P410, 0.068 uF, 20%, 1,000 V, 85C, Lead Spacing = 20.3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com