Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F4008U2E-F Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6F4008U2E-F
Description  512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F4008U2E-F Datasheet(HTML) 8 Page - Samsung semiconductor

  K6F4008U2E-F Datasheet HTML 1Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 2Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 3Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 4Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 5Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 6Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 7Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 8Page - Samsung semiconductor K6F4008U2E-F Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision 1.0
March 2001
K6F4008U2E Family
- 8 -
CMOS SRAM
DATA RETENTION WAVE FORM
CS1 controlled
VCC
2.7V
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low: A write end at the earliest transition among CS1 going high, CS2 going low and WE going high, tWP
is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR1 applied in case a write ends as CS1 or WE going high tWR2 applied
in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
2.7V
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V


Similar Part No. - K6F4008U2E-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4008U2G SAMSUNG-K6F4008U2G Datasheet
155Kb / 9P
   512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4008U2G-F SAMSUNG-K6F4008U2G-F Datasheet
155Kb / 9P
   512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F4008U2E-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F4008U2G SAMSUNG-K6F4008U2G Datasheet
155Kb / 9P
   512K x 8 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM641FV8FS EMLSI-EM641FV8FS Datasheet
62Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM640FU8E EMLSI-EM640FU8E Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FV8FT EMLSI-EM641FV8FT Datasheet
183Kb / 10P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM640FP8 EMLSI-EM640FP8 Datasheet
71Kb / 11P
   512K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com