Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFC52N30P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFC52N30P
Description  PolarHTTM HiPerFET Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC52N30P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFC52N30P Datasheet HTML 1Page - IXYS Corporation IXFC52N30P Datasheet HTML 2Page - IXYS Corporation IXFC52N30P Datasheet HTML 3Page - IXYS Corporation IXFC52N30P Datasheet HTML 4Page - IXYS Corporation IXFC52N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2003 IXYS All rights reserved
Fig. 2. Extende d Output Characte ris tics
@ 25 deg. C
0
25
50
75
100
125
150
0
5
10
15
20
25
V
D S - V olts
V
GS = 10V
9V
5V
6V
7V
8V
Fig. 3. Output Characteris tics
@ 125 Deg. C
0
5
10
15
20
25
30
35
40
45
50
55
01
23
4
5
6
78
9
10
V
D S - Volts
V
GS = 10V
8V
7V
5V
6V
Fig. 1. Output Characte ristics
@ 25 Deg. C
0
5
10
15
20
25
30
35
40
45
50
55
00.5
11.5
2
2.5
33.5
44.5
5
V
D S - Volts
V
GS = 10V
8V
5V
6V
7V
Fig. 4. R
DS(on) Nor m alize d to ID25 V alue vs .
Junction Tem pe rature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I
D = 52A
I
D = 26A
V
GS = 10V
Fig. 6. Drain Curre nt vs. Case
Tem pe rature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. R
DS(on) Nor m alize d to ID25
Value vs . I
D
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
25
50
75
100
125
150
I
D - A mperes
T
J = 125ºC
T
J = 25ºC
V
GS = 10V
IXFC 52N30P


Similar Part No. - IXFC52N30P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC52N30P ISC-IXFC52N30P Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFC52N30P IXYS-IXFC52N30P_08 Datasheet
151Kb / 5P
   PolarHT Power MOSFET HiPerFET
More results

Similar Description - IXFC52N30P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ150N06P IXYS-IXTQ150N06P Datasheet
154Kb / 5P
   PolarHTTM Power MOSFET
IXTQ88N30P IXYS-IXTQ88N30P Datasheet
329Kb / 5P
   PolarHTTM Power MOSFET
IXTK200N10P IXYS-IXTK200N10P Datasheet
564Kb / 5P
   PolarHTTM Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
   HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
   HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
   HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
   HiPerFET Power MOSFET
IXTK150N15P IXYS-IXTK150N15P Datasheet
258Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXTK180N15P IXYS-IXTK180N15P Datasheet
168Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
   HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com