Electronic Components Datasheet Search |
|
IS65C1024AL-45QA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc |
|
IS65C1024AL-45QA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc |
3 / 11 page Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774 3 Rev. C 01/24/05 ISSI® IS62C1024AL IS65C1024AL ABSOLUTE MAXIMUM RATINGS(1) Symbol Parameter Value Unit VTERM Terminal Voltage with Respect to GND –0.5 to +7.0 V TSTG Storage Temperature –65 to +125 °C PT Power Dissipation 1.0 W IOUT DC Output Current (LOW) 20 mA Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. CAPACITANCE(1,2) Symbol Parameter Conditions Max. Unit CIN Input Capacitance VIN = 0V 6 pF COUT Output Capacitance VOUT = 0V 8 pF Notes: 1. Tested initially and after any design or process changes that may affect these parameters. 2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V. DC ELECTRICAL CHARACTERISTICS (Over Operating Range) Symbol Parameter Test Conditions Options Min. Max. Unit VOH Output HIGH Voltage VDD = Min., IOH = –1.0 mA 2.4 — V VOL Output LOW Voltage VDD = Min., IOL = 2.1 mA — 0.4 V VIH Input HIGH Voltage 2.2 VDD + 0.5 V VIL Input LOW Voltage(1) -0.5 0.8 V ILI Input Leakage GND ≤ VIN ≤ VDD Com. -1 1 µA Ind. -2 2 Auto. -5 5 ILO Output Leakage GND ≤ VOUT ≤ VDD Com. -1 1 µA CE1 = VIH, or Ind. -2 2 CE2 = VIL, or OE = VIH or Auto. -5 5 WE = VIL |
Similar Part No. - IS65C1024AL-45QA3 |
|
Similar Description - IS65C1024AL-45QA3 |