Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLF680Z4 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHLF680Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF680Z4 Datasheet(HTML) 2 Page - International Rectifier

  IRHLF680Z4 Datasheet HTML 1Page - International Rectifier IRHLF680Z4 Datasheet HTML 2Page - International Rectifier IRHLF680Z4 Datasheet HTML 3Page - International Rectifier IRHLF680Z4 Datasheet HTML 4Page - International Rectifier IRHLF680Z4 Datasheet HTML 5Page - International Rectifier IRHLF680Z4 Datasheet HTML 6Page - International Rectifier IRHLF680Z4 Datasheet HTML 7Page - International Rectifier IRHLF680Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHLF670Z4
Pre-Irradiation
2
www.irf.com
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
1.6*
ISM
Pulse Source Current (Body Diode) ➀
6.4
VSD
Diode Forward Voltage
1.2
V
Tj = 25°C, IS = 1.6A, VGS = 0V ➃
trr
Reverse Recovery Time
100
ns
Tj = 25°C, IF = 1.6A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
150
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
V
VGS = 0V, ID = 250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.08
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.50
VGS = 4.5V, ID = 1.0A
Resistance
VGS(th)
Gate Threshold Voltage
1.0
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.1
S ( )
VDS = 10V, IDS = 1.0A ➃
IDSS
Zero Gate Voltage Drain Current
1.0
VDS= 48V ,VGS= 0V
——
10
VDS = 48V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 10V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -10V
Qg
Total Gate Charge
3.6
VGS = 5.0V, ID = 1.6A
Qgs
Gate-to-Source Charge
1.5
nC
VDS = 30V
Qgd
Gate-to-Drain (‘Miller’) Charge
1.8
td(on)
Turn-On Delay Time
8.0
VDD = 30V, ID = 1.6A,
tr
Rise Time
20
VGS = 5.0V, RG = 24Ω
td(off)
Turn-Off Delay Time
20
tf
Fall Time
15
LS + LD
Total Inductance
7.0
Measured from Drain lead (6mm /0.25in
from package) to Source lead(6mm/0.25in
from packge)with Source wire internally
bonded from Source pin to Drain pad
Ciss
Input Capacitance
152
VGS = 0V, VDS = 25V
Coss
Output Capacitance
39
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
1.6
nA
nH
ns
µA
Rg
Gate Resistance
14
f = 5.0MHz, open drain
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
25
°C/W
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
* Derated to match the Complimentary P-Channel Logic Level Power Mosfet -IRHLF6970Z4


Similar Part No. - IRHLF680Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF6930Z4 IRF-IRHLF6930Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
More results

Similar Description - IRHLF680Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG770Z4 IRF-IRHLG770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLG77110 IRF-IRHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET LOGIC LEVEL POWER MOSFET
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com