Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM13Q0340 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM13Q0340
Description  0.35 關m Sea of Gates Arrays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q0340 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM13Q0340 Datasheet HTML 2Page - OKI electronic componets MSM13Q0340 Datasheet HTML 3Page - OKI electronic componets MSM13Q0340 Datasheet HTML 4Page - OKI electronic componets MSM13Q0340 Datasheet HTML 5Page - OKI electronic componets MSM13Q0340 Datasheet HTML 6Page - OKI electronic componets MSM13Q0340 Datasheet HTML 7Page - OKI electronic componets MSM13Q0340 Datasheet HTML 8Page - OKI electronic componets MSM13Q0340 Datasheet HTML 9Page - OKI electronic componets MSM13Q0340 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
s MSM13Q0000/14Q0000 s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
4
Oki Semiconductor
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (VSS = 0 V, Tj = 25°C)
[1]
1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
in the other specifications of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Rated Value
Unit
Power supply voltage
VDD
-0.3 to +4.6
V
Input voltage
Normal buffers
VI
-0.3 to VDD+0.3
V
5-V tolerant
VI
-0.3 to 6.0
Output voltage
Normal buffers
VO
-0.3 to VDD+0.3
V
5-V tolerant
VO
-0.3 to 6.0
Input current
Normal buffers
II
-10 to +10
mA
5-V tolerant
II
-6 to +6
Output current per I/O
Normal buffers
IO
IO = 1, 2, 4, 6, 8, 12, 24 mA
-24 to +24
mA
5-V tolerant
IO
IO = 2, 4, 6, 8, 12 mA
-8 to +8
Storage temperature
Tstg
-65 to +150
°C
Recommended Operating Conditions (VSS = 0 V)
Parameter
Symbol
Rated Value
Unit
Power supply voltage
VDD (3 V)
+3.0 to +3.6
V
Junction temperature
Tj
-40 to +85
°C


Similar Part No. - MSM13Q0340

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM130W9 LITTELFUSE-MSM130W9 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM13R0000 OKI-MSM13R0000 Datasheet
247Kb / 17P
   Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
More results

Similar Description - MSM13Q0340

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
   0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
logo
OKI electronic componet...
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com