Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT23S08-1DCI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT23S08-1DCI
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08-1DCI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT23S08-1DCI Datasheet HTML 1Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 2Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 3Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 4Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 5Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 6Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 7Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 8Page - Integrated Device Technology IDT23S08-1DCI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08
3.3V ZERO DELAY CLOCK MULTIPLIER
OCTOBER 2003
2003
Integrated Device Technology, Inc.
DSC 6394/8
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution for Applications ranging
from 10MHz to 133MHz operating frequency
• Distributes one clock input to two banks of four outputs
• Separate output enable for each output bank
• External feedback (FBK) pin is used to synchronize the outputs
to the clock input
• Output Skew <200 ps
• Low jitter <200 ps cycle-to-cycle
• 1x, 2x, 4x output options (see table):
– IDT23S08-1 1x
– IDT23S08-2 1x, 2x
– IDT23S08-3 2x, 4x
– IDT23S08-4 2x
– IDT23S08-1H, -2H, and -5H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Spread spectrum compatible
• Available in SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT23S08 is a high-speed phase-lock loop (PLL) clock multiplier. It is
designedtoaddresshigh-speedclockdistributionandmultiplicationapplica-
tions.Thezerodelayisachievedbyaligningthephasebetweentheincoming
clock and the output clock, operable within the range of 10 to 133MHz.
TheIDT23S08hastwobanksoffouroutputseachthatarecontrolledviatwo
selectaddresses.Byproperselectionofinputaddresses,bothbankscanbe
put in tri-state mode. In test mode, the PLL is turned off, and the input clock
directly drives the outputs for system testing purposes. In the absence of an
input clock, the IDT23S08 enters power down. In this mode, the device will
drawlessthan12µAforCommercialTemperaturerangeandlessthan25µA
forIndustrialtemperaturerange,andtheoutputsaretri-stated.
The IDT23S08 is available in six unique configurations for both pre-
scaling and multiplication of the Input REF Clock. (See available options
table.)
ThePLLisclosedexternallytoprovidemoreflexibilitybyallowingtheuser
tocontrolthedelaybetweentheinputclockandtheoutputs.
TheIDT23S08ischaracterizedforbothIndustrialandCommercialopera-
tion.
IDT23S08
3.3V ZERO DELAY CLOCK
MULTIPLIER, SPREAD
SPECTRUM COMPATIBLE
PLL
S1
2
14
15
3
CLKA1
CLKA2
CLKA3
CLKA4
6
10
11
CLKB1
CLKB2
CLKB3
CLKB4
9
FBK
16
Control
Logic
7
8
1
REF
S2
(-2, -3)
(-3, -4)
(-5)
2
2
2


Similar Part No. - IDT23S08-1DCI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E-1DC IDT-IDT23S08E-1DC Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E-1DCI IDT-IDT23S08E-1DCI Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08-1DCI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com