Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95C40P Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT95C40P
Description  LCD Type Phone 8-Bit MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C40P Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT95C40P Datasheet HTML 2Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C40P Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Pin Name
I/O
Description
LCD Driver
SEG47~SEG0
O
or
I/O
LCD panel segment outputs.
Some segment outputs can be optioned to Bidirectional input/output ports by software.
(See the
²LCD Driver² function)
COM15~COM0
O
or
I/O
LCD panel common outputs.
Some common outputs can be optioned to Bidirectional input/output ports by software.
(See the
²LCD Driver² function)
VLCD
I
LCD driver power source.
Normal I/O
PA7~PA0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high and wake-up function
PB7~PB0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high function
PD7~PD0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high function
Port D could be optioned to LCD signal output, see the
²Input/Output Ports² function
PE3~PE0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high function
Port E could be optioned to LCD signal output, see the
²Input/Output Ports² function
PF7~PF0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high function
PG3~PG0
I/O
Bidirectional input/output ports.
Schmitt trigger input and CMOS output.
See mask option table for pull-high function
Dialer I/O (See the
²Dialer I/O Function²)
HFI
I
Schmitt trigger input structure. An external RC network is recommended for input
debouncing.
This pin is pulled low with internal resistance of 200k
W typ.
HFO
O
CMOS output structure.
HDI
I
Schmitt trigger input structure. An external RC network is recommended for input
debouncing.
This pin is pulled high with internal resistance of 200k
W typ.
HDO
O
CMOS output structure.
HKS
I
This pin detects the status of the hook-switch and its combination with HFI/HDI can con-
trol the PO pin output to make or break the line.
PO
O
CMOS output structure controlled by HKS and HFI/HDI pins and which determines
whether the dialer connects or disconnects the telephone line.
DNPO
O
NMOS output structure.
XMUTE
O
NMOS output structure. Usually, XMUTE is used to mute the speech circuit when trans-
mitting the dialer signal.
Peripherals
DTMF
O
This pin outputs dual tone signals to dial out the phone number. The load resistor should
not be less than 5k
W.
MUSIC
O
This pin outputs the single tone that is generated by the PFD generator.
LBIN
I
This pin detects battery low through external R1/R2 to determine threshold voltage.
HT95LXXX
Rev. 1.20
6
May 26, 2004


Similar Part No. - HT95C40P

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C40P HOLTEK-HT95C40P Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
More results

Similar Description - HT95C40P

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com