Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT23S08-1DC Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT23S08-1DC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08-1DC Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT23S08-1DC Datasheet HTML 2Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 3Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 4Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 5Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 6Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 7Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 8Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 9Page - Integrated Device Technology IDT23S08-1DC Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08
3.3V ZERO DELAY CLOCK MULTIPLIER
ORDERING INFORMATION
Ordering Code
PackageType
Operating Range
IDT23S08-1DC
16-Pin SOIC
Commercial
IDT23S08-1DCG
16-Pin SOIC
Commercial
IDT23S08-1DCI
16-Pin SOIC
Industrial
IDT23S08-1HDC
16-Pin SOIC
Commercial
IDT23S08-1HDCG
16-Pin SOIC
Commercial
IDT23S08-1HDCI
16-Pin SOIC
Industrial
IDT23S08-1HPG
16-Pin TSSOP
Commercial
IDT23S08-1HPGI
16-Pin TSSOP
Industrial
IDT23S08-2DC
16-Pin SOIC
Commercial
IDT23S08-2DCG
16-Pin SOIC
Commercial
IDT23S08-2DCGI
16-Pin SOIC
Industrial
IDT23S08-2DCI
16-Pin SOIC
Industrial
IDT23S08-2HDC(1)
16-Pin SOIC
Commercial
IDT23S08-2HDCI(1)
16-Pin SOIC
Industrial
IDT23S08-3DC(1)
16-Pin SOIC
Commercial
IDT23S08-3DCI(1)
16-Pin SOIC
Industrial
IDT23S08-4DC
16-Pin SOIC
Commercial
IDT23S08-4DCI
16-Pin SOIC
Industrial
IDT23S08-5HDC
16-Pin SOIC
Commercial
IDT23S08-5HDCI
16-Pin SOIC
Industrial
IDT23S08-5HPG
16-Pin TSSOP
Commercial
IDT23S08-5HPGI
16-Pin TSSOP
Industrial
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XXXXX
XX
X
Package
Process
Device Type
Blank
I
23S08-1
23S08-2
23S08-3
23S08-4
23S08-1H
23S08-2H
23S08-5H
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Zero Delay Clock Buffer with Standard Drive,
Spread Spectrum Compatible
DC
DCG
PG
Small Outline
SOIC - Green
Thin Shrink Small Outline Package
Zero Delay Clock Buffer with High Drive,
Spread Spectrum Compatible
}
}
NOTE:
1. Contact factory for availability.


Similar Part No. - IDT23S08-1DC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E-1DC IDT-IDT23S08E-1DC Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E-1DCI IDT-IDT23S08E-1DCI Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08-1DC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E Datasheet
67Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com