Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95C300 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT95C300
Description  LCD Type Phone 8-Bit MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C300 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT95C300 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95C300 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
HT95LXXX
Rev. 1.20
9
May 26, 2004
jump or call is executed. When either a software or hard-
ware interrupt is received, note that no matter which
ROM bank the program is in, the program will always
jump to the appropriate interrupt service address in
Bank 0. The original 14 bits address will be stored on the
stack and restored when the relevant RET/RETI instruc-
tion is executed, automatically returning the program to
the original ROM bank. This eliminates the need for pro-
grammers to manage the BP when interrupts occur.
Certain locations in the program memory are reserved
for special usage:
· Location 0000H (Bank0)
This area is reserved for the initialization program. Af-
ter chip power-on reset or external reset or WDT
time-out reset, the program always begins execution
at location 0000H.
· Location 0004H (Bank0)
This area is reserved for the external interrupt service
program. If the INT/TMR1 input pin is activated, the
external interrupt is enabled and the stack is not full,
the program begins execution at location 0004H.
· Location 0008H (Bank0)
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program. If a timer interrupt results
from a Timer/Event Counter 0 overflow, the
Timer/Event Counter 0 interrupt is enabled and the
stack is not full, the program begins execution at loca-
tion 0008H.
Mode
Program Counter
*13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
00000000000000
External interrupt
00000000000100
Timer/Event Counter 0 overflow
00000000001000
Timer/Event Counter 1 overflow
00000000001100
RTC interrupt
00000000010100
Dialer I/O interrupt
00000000011000
Skip
Program Counter+2 (within current bank)
Loading PCL
*13
*12
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, call branch
BP.5 #12 #11 #10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S13 S12 S11 S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program ROM Address
Note: *13~*0: Program counter bits
S13~S0: Stack register bits
#12~#0: Instruction code bits
@7~@0: PCL bits
Available bits of program counter for HT95L400/40P: Bit 13~Bit 0
Available bits of program counter for HT95L300/30P: Bit 12~Bit 0
Available bits of program counter for HT95L200/20P: Bit 12~Bit 0
Available bits of program counter for HT95L100/10P: Bit 11~Bit 0
Available bits of program counter for HT95L000/00P: Bit 11~Bit 0
0 0 0 H
0 0 4 H
0 0 8 H
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 0 I n t e r r u p t S u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p T a b l e ( 2 5 6 W o r d s )
1 0 0 H
L o o k - u p T a b l e ( 2 5 6 W o r d s )
( L a s t P a g e s )
N o t e : T h e L a s t p a g e f o r H T 9 5 L 4 0 0 / 4 0 P i s 3 F 0 0 H ~ 3 F F F H
T h e L a s t p a g e f o r H T 9 5 L 3 0 0 / 3 0 P i s 1 F 0 0 H ~ 1 F F F H
T h e L a s t p a g e f o r H T 9 5 L 2 0 0 / 2 0 P i s 1 F 0 0 H ~ 1 F F F H
T h e L a s t p a g e f o r H T 9 5 L 1 0 0 / 1 0 P i s 0 F 0 0 H ~ 0 F F F H
T h e L a s t p a g e f o r H T 9 5 L 0 0 0 / 0 0 P i s 0 F 0 0 H ~ 0 F F F H
1 F F H
T i m e r / E v e n t C o u n t e r 1 I n t e r r u p t S u b r o u t i n e
0 0 C H
0 1 0 H
R T C I n t e r r u p t S u b r o u t i n e
0 1 4 H
D i a l e r I / O I n t e r r u p t S u b r o u t i n e
0 1 8 H
R e s e r v e d
Program Memory


Similar Part No. - HT95C300

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C300 HOLTEK-HT95C300 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95C300 HOLTEK-HT95C300 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95C300 HOLTEK-HT95C300 Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
More results

Similar Description - HT95C300

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com