Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM13Q0150 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM13Q0150
Description  0.35 關m Sea of Gates Arrays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM13Q0150 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM13Q0150 Datasheet HTML 5Page - OKI electronic componets MSM13Q0150 Datasheet HTML 6Page - OKI electronic componets MSM13Q0150 Datasheet HTML 7Page - OKI electronic componets MSM13Q0150 Datasheet HTML 8Page - OKI electronic componets MSM13Q0150 Datasheet HTML 9Page - OKI electronic componets MSM13Q0150 Datasheet HTML 10Page - OKI electronic componets MSM13Q0150 Datasheet HTML 11Page - OKI electronic componets MSM13Q0150 Datasheet HTML 12Page - OKI electronic componets MSM13Q0150 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––– s MSM13Q0000/14Q0000 s
7
Oki Semiconductor
MACRO LIBRARY
Oki Semiconductor supports a wide range of macrocells and macrofunctions, ranging from simple hard
macrocells for basic Boolean operations to large, user-parameterizable macrofunctions. The following
figure illustrates the main classes of macrocells and macrofunctions available.
Examples
[1] Under development
Figure 3. Oki Macrocell and Macrofunction Library
Macro Library
Macrocells
Basic Macrocells
Basic Macrocells
with Scan test
Clock Tree Driver
Macrocells
3V, 5V Tolerant
Output Macrocells
MSI Macrocells
Mega/Special
Macrocells [1]
3-V, 5-V Tolerant
Input Macrocells
3-V, 5-V Tolerant
Bi-Directional
Macrocells
MSI
Macrofunctions
Oscillator
Macrocells
Macrofunctions
NANDs
NORs
EXORs
Latches
Flip-Flops
3-State Outputs
Push-Pull Outputs
PECL Outputs
Counters
Shift Registers
UART
PLL
Inputs
Inputs with Pull-Ups
Gated Oscillators
Open Drain Outputs
Slew Rate Control Outputs
PCI Outputs
Inputs with Pull-Downs
PECL Inputs
I/O
PCI I/O
I/O with Pull-Downs
I/O with Pull-Ups
CBA RAMs:
Single-Port RAMs (asynchronous or synchronous)
Dual-Port RAMs (asynchronous)
Memory
Macrocells
Flip-Flops
Combinational Logic
USB Controller
Ethernet Controller
4-Bit Register/Latches


Similar Part No. - MSM13Q0150

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM130W9 LITTELFUSE-MSM130W9 Datasheet
177Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM13R0000 OKI-MSM13R0000 Datasheet
247Kb / 17P
   Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
More results

Similar Description - MSM13Q0150

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
   0.25關m Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
   Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
   350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
   Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
   Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
   0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
   0.35關m 14-BIT 10MSPS ADC
logo
OKI electronic componet...
MG63P OKI-MG63P Datasheet
267Kb / 22P
   0.25關m Embedded DRAM/ Customer Structured Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com