Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M57788HR Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M57788HR
Description  450-470MHz, 13.5V, 47W, FM MOBILE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57788HR Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M57788HR Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57788HR Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M57788HR Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
450-470MHz, 13.5V, 47W, FM MOBILE RADIO
M57788HR
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, EACH CURRENT
VS. SUPPLY VOLTAGE
SUPPLY VOLTAGE VCC1, VCC2, VCC3 (V)
100
10
1
0.1
10
100
10
1
0.1
4
18
14
6
8
16
12
PO
ICC1
ICC3
TC=25
°C
f=450MHz
Pin=0.4W
ZG=ZL=50
ICC2
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
100
10
1
0.1
10
100
10
1
0.1
4
14
12
6
8
ICC2
PO
ICC1
ICC3
TC=25
°C
f=470MHz
Pin=0.4W
VCC2,3=13.5V
ZG=ZL=50
OUTPUT POWER, EACH CURRENT
VS. FIRST SUPPLY VOLTAGE
FIRST SUPPLY VOLTAGE VCC1 (V)
100
10
1
0.1
10
100
10
1
0.1
4
14
12
6
8
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (W)
100
10
1
0.1
0.1
100
10
1
0.1
0.01
1
TC=25
°C
f=450MHz
VCC=13.5V
ZG=ZL=50
ICC2
PO
ICC1
ICC3
OUTPUT POWER, EACH CURRENT
VS. INPUT POWER
INPUT POWER Pin (W)
100
10
1
0.1
0.1
100
10
1
0.1
0.01
1
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
100
80
40
0
440 445 450 455 460 465
475 480
TC=25
°C
VCC=13.5V
Pin=0.4W
ZG=ZL=50
ηT
PO
ρin
60
20
100
80
60
40
20
0
3
1
2
470
TC=25
°C
f=470MHz
VCC=13.5V
ZG=ZL=50
ICC2
PO
ICC1
ICC3
TC=25
°C
f=450MHz
Pin=0.4W
VCC2,3=13.5V
ZG=ZL=50
ICC2
PO
ICC1
ICC3


Similar Part No. - M57788HR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57788H MITSUBISHI-M57788H Datasheet
146Kb / 3P
   450-470MHz, 12.5V, 40W, FM MOBILE RADIO?
More results

Similar Description - M57788HR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M57788LR MITSUBISHI-M57788LR Datasheet
54Kb / 3P
   400-430MHz, 13.5V, 47W, FM MOBILE RADIO
M57788H MITSUBISHI-M57788H Datasheet
146Kb / 3P
   450-470MHz, 12.5V, 40W, FM MOBILE RADIO?
M57714 MITSUBISHI-M57714 Datasheet
138Kb / 3P
   450-470MHz 12.5V,7W,FM MOBILE RADIO????
M57729H MITSUBISHI-M57729H Datasheet
87Kb / 2P
   450-470MHz 12.5V,30W,FM MOBILE RADIO?????????
M57704H MITSUBISHI-M57704H Datasheet
91Kb / 2P
   450-470MHz 12.5V,13W,FM MOBILE RADIO?
M67775 MITSUBISHI-M67775 Datasheet
102Kb / 2P
   1465-1477MHz, 13.5V, 7.5W, FM MOBILE RADIO
M67799HA MITSUBISHI-M67799HA Datasheet
104Kb / 2P
   450-470MHz, 9.6V, 7.5W, FM PORTABLE RADIO??????
M68710H MITSUBISHI-M68710H Datasheet
77Kb / 2P
   450-470MHz, 6V, 2W, FM PORTABLE RADIO
M68703HA MITSUBISHI-M68703HA Datasheet
13Kb / 1P
   440-470mhZ, 12.5v, 50w, fm mobile radio
M67709 MITSUBISHI-M67709 Datasheet
160Kb / 1P
   430-470MHz, 12.5V, 13W, FM MOBILE RADIO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com