Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB936 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB936
Description  For Low-Voltage Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB936 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB936 Datasheet HTML 1Page - Panasonic Semiconductor 2SB936 Datasheet HTML 2Page - Panasonic Semiconductor 2SB936 Datasheet HTML 3Page - Panasonic Semiconductor 2SB936 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB0936, 2SB0936A
2
SJD00017BED
VBE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
VCE(sat)  IC
0
160
40
120
80
0
10
20
30
40
50
(1)TC=Ta
(2)With a 50
×50×2mm
Al heat sink
(3)Without heat sink
(PC=1.3W)
(1)
(3)
(2)
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−12
−10
−8
−6
−4
−2
TC=25˚C
–80mA
–60mA
–50mA
–40mA
–35mA
–20mA
–15mA
–30mA
–25mA
–10mA
–5mA
IB=–100mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
−1
−10
− 0.1
−1
−10
IC/IB=30
TC=100˚C
–25˚C
25˚C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
−1
− 0.1
−10
IC/IB=30
TC=–25˚C
25˚C
100˚C
Collector current I
C (A)
− 0.1
−1
−10
−100
1
10
Collector current I
C (A)
102
104
103
VCE=–2V
TC=100˚C
25˚C
–25˚C
–0.01
–0.1
–1
–10
1
10
Collector current I
C (A)
102
104
103
VCE=–10V
f=10MHz
TC=25˚C
− 0.1
−1
−10
−100
1
10
102
103
104
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C
Cob  VCB
ton, tstg, tf  IC
Safe operation area
0.01
10
1
0.1
0
−8
−2
−6
−4
tstg
ton
tf
Pulsed tw=1ms
Duty cycle=1%
IC/IB=30
(–IB1=IB2)
VCC=–20V
TC=25˚C
Collector current I
C (A)
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
− 0.1
−1
−10
−100
−1
−10
−100
Non repetitive pulse
TC=25˚C
t=10ms
t=1ms
ICP
IC
t=300ms


Similar Part No. - 2SB936

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB936 PANASONIC-2SB936 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
logo
Guangdong Kexin Industr...
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
logo
Unisonic Technologies
2SB936 UTC-2SB936 Datasheet
116Kb / 3P
   SILICON PNP EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SB936-P KEXIN-2SB936-P Datasheet
1Mb / 3P
   PNP Transistors
2SB936-Q KEXIN-2SB936-Q Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB936

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1070 PANASONIC-2SB1070 Datasheet
83Kb / 4P
   For Low-Voltage Switching
2SB0948 PANASONIC-2SB0948 Datasheet
85Kb / 4P
   For Low-Voltage Switching
2SB0952 PANASONIC-2SB0952 Datasheet
85Kb / 4P
   For Low-Voltage Switching
2SB0953 PANASONIC-2SB0953 Datasheet
85Kb / 4P
   For Low-Voltage Switching
2SB1174 PANASONIC-2SB1174 Datasheet
83Kb / 4P
   For voltage switching
2SB935 PANASONIC-2SB935 Datasheet
58Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
2SD1538 PANASONIC-2SD1538 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD1539 PANASONIC-2SD1539 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SD2465 PANASONIC-2SD2465 Datasheet
54Kb / 3P
   Silicon NPN epitaxial planar type(For low-voltage switching)
2SB947 PANASONIC-2SB947 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For low-voltage switching)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com