Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB0928 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB0928
Description  For Power Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0928 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB0928 Datasheet HTML 1Page - Panasonic Semiconductor 2SB0928 Datasheet HTML 2Page - Panasonic Semiconductor 2SB0928 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0928, 2SB0928A
2
SJD00010BED
VCE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
IC  VBE
Safe operation area
Rth  t
0
0
160
40
120
80
10
30
20
40
(1)TC
= T
a
(2)With a 50 mm
× 50 mm × 2 mm
Al heat sink
(3)Without heat sink
(PC
= 1.3 W)
(1)
(2)
(3)
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−600
−500
−400
−300
−200
−100
TC
= 25°C
−4.0 mA
−3.5 mA
−3.0 mA
−2.5 mA
−2.0 mA
−1.5 mA
−1.0 mA
− 0.5 mA
IB
= −4.5 mA
Collector-emitter voltage V
CE (V)
0
−1.0
− 0.8
− 0.6
− 0.4
– 0.2
0
– 0.4
– 0.8
–1.2
–2.0
–1.6
VCE
= −10 V
25
°C
−25°C
TC
= 100°C
Base-emitter voltage V
BE (V)
− 0.01
− 0.01
− 0.1
−1
−10
− 0.1
−1
IC / IB
= 10
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
1
10
VCE
= −10 V
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
102
104
103
− 0.01
− 0.1
−1
−10
1
10
VCE
= −10 V
f
= 10 MHz
TC
= 25°C
Collector current I
C (A)
102
104
103
–1
–10
–100
–1 000
– 0.01
–10
–1
– 0.1
Non repetitive pulse
TC
= 25°C
t
= 1 ms
t
= 5 ms
ICP
IC
t
= 0.5 ms
t
= 300 ms
Collector-emitter voltage V
CE (V)
10−2
10−1
1
10
103
102
10−4
104
103
102
10
1
10−1
10−2
10−3
(1)
(2)
(1)Without heat sink
(2)With a 50 mm
× 50 mm × 2 mm Al heat sink
Time t (s)


Similar Part No. - 2SB0928

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0929 PANASONIC-2SB0929 Datasheet
75Kb / 3P
   For Power Amplification
2SB0929A PANASONIC-2SB0929A Datasheet
75Kb / 3P
   For Power Amplification
More results

Similar Description - 2SB0928

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
   For Power Amplification
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
   For Power Amplification
2SB0929 PANASONIC-2SB0929 Datasheet
75Kb / 3P
   For Power Amplification
2SB1169 PANASONIC-2SB1169 Datasheet
75Kb / 3P
   For power amplification
2SB0940 PANASONIC-2SB0940 Datasheet
74Kb / 3P
   For Power Amplification
2SB1470 PANASONIC-2SB1470 Datasheet
84Kb / 4P
   For Power Amplification
2SB1063 PANASONIC-2SB1063 Datasheet
73Kb / 3P
   For High Power Amplification
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
logo
Rohm
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
   For Power amplification (-100V, -8A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com