Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB792 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB792
Description  For High Breakdown Voltage Low-noise Amplification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB792 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB792 Datasheet HTML 1Page - Panasonic Semiconductor 2SB792 Datasheet HTML 2Page - Panasonic Semiconductor 2SB792 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0792, 2SB0792A
2
SJC00058BED
VCE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
0
160
40
120
80
0
240
200
160
120
80
40
Ambient temperature T
a (°C)
0
−12
−10
−8
−2
−6
−4
0
−100
−80
−60
−40
−20
Ta
= 25°C
−2 mA
−1 mA
−3 mA
−4 mA
−5 mA
−6 mA
−7 mA
−8 mA
−9 mA
IB
= −10 mA
Collector-emitter voltage V
CE (V)
0
−2.0
−1.6
− 0.4
−1.2
− 0.8
0
−120
−100
−80
−60
−40
−20
VCE
= −5 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
− 0.1
−1
−10
−100
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
− 0.1
−1
−10
−100
0
600
500
400
300
200
100
VCE
= −5 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0.1
1
10
100
0
250
200
150
100
50
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
10
8
6
4
2
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)


Similar Part No. - 2SB792

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type
logo
Guangdong Kexin Industr...
2SB792 KEXIN-2SB792 Datasheet
37Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB792-3 KEXIN-2SB792-3_15 Datasheet
962Kb / 2P
   PNP Transistors
2SB792-HF-3 KEXIN-2SB792-HF-3_15 Datasheet
1,017Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB792

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB0788 PANASONIC-2SB0788 Datasheet
69Kb / 3P
   For High Breakdown Voltage Low-noise Amplification
2SA0921 PANASONIC-2SA0921 Datasheet
71Kb / 3P
   For high breakdown voltage low-noise amplification Complementary
2SD0662 PANASONIC-2SD0662 Datasheet
72Kb / 3P
   For High Breakdown Voltage General Amplification
2SB1463 PANASONIC-2SB1463 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB792 PANASONIC-2SB792 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB1220 PANASONIC-2SB1220 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SA921 PANASONIC-2SA921 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SB788 PANASONIC-2SB788 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For high breakdown voltage low-noise amplification)
2SD958 PANASONIC-2SD958 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com