Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB0819 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB0819
Description  For Low-Frequency Output Amplification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB0819 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB0819 Datasheet HTML 1Page - Panasonic Semiconductor 2SB0819 Datasheet HTML 2Page - Panasonic Semiconductor 2SB0819 Datasheet HTML 3Page - Panasonic Semiconductor 2SB0819 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
1
Publication date: November 2002
SJC00059BED
2SB0819 (2SB819)
Silicon PNP epitaxial planar type
For low-frequency output amplification
Complementary to 2SD1051
■ Features
• High collector-emitter voltage (Base open) V
CEO
• Large collctor power dissipation P
C
• M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a = 25°C ± 3°C
Note) The part number in the parenthesis shows conventional part number.
Rank
Q
R
hFE
80 to 160
120 to 220
Unit: mm
1: Base
2: Collector
3: Emitter
M-A1 Package
6.9±0.1
2.5±0.1
(1.0)
(1.5)
(0.85)
0.45±0.05
0.55±0.1
(2.5)
(2.5)
21
3
R 0.7
R 0.9
(1.5)
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−40
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−1.5
A
Peak collector current
ICP
−3A
Collector power dissipation *
PC
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −1 mA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−40
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −20 V, I
E
= 0
−1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −10 V, IB = 0
−100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = −5 V, IC = 0
−10
µA
Forward current transfer ratio *
1, 2
hFE
VCE
= −5 V, I
C
= −1 A
80
220
Collector-emitter saturation voltage *
1
VCE(sat)
IC = −1.5 A, IB = − 0.15 A
−1V
Base-emitter saturation voltage *
1
VBE(sat)
IC = −2 A, IB = − 0.2 A
−1.5
V
Transition frequency
fT
VCB
= −5 V, I
E
= 0.5 A, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = −20 V, IE = 0, f = 1 MHz
45
pF
(Common base, input open circuited)
Note) *: Print circuit board: Copper foil area of 1 cm2 or more, and the board
thickness of 1.7 mm for the collector portion


Similar Part No. - 2SB0819

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
2SB082020MAJL SILAN-2SB082020MAJL Datasheet
25Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB083040ML SILAN-2SB083040ML Datasheet
17Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
2SB083060ML SILAN-2SB083060ML Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Panasonic Semiconductor
2SB0873 PANASONIC-2SB0873 Datasheet
81Kb / 3P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SB0819

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
   For Low-Frequency Output Amplification
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
   For low-frequency output amplification
2SD0592A PANASONIC-2SD0592A Datasheet
78Kb / 4P
   For Low-Frequency Output Amplification
2SB0968 PANASONIC-2SB0968 Datasheet
80Kb / 4P
   For Low-Frequency Output Amplification
2SB0976 PANASONIC-2SB0976 Datasheet
68Kb / 3P
   For Low-Frequency Output Amplification
logo
Unisonic Technologies
2SB766A UTC-2SB766A_12 Datasheet
157Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
2SB766A UTC-2SB766A Datasheet
117Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
logo
Panasonic Semiconductor
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com