Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB790 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SB790
Description  For Low-Frequency Output Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB790 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SB790 Datasheet HTML 1Page - Panasonic Semiconductor 2SB790 Datasheet HTML 2Page - Panasonic Semiconductor 2SB790 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB0790
2
SJC00057BED
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature T
a (°C)
0
−6
−5
−4
−1
−3
−2
0
−1.2
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
Ta
= 25°C
−9 mA
−8 mA
−7 mA
−6 mA
−5 mA
−4 mA
−3 mA
−2 mA
−1 mA
IB
= −10 mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
−25°C
Ta
= 75°C
25
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= −25°C
75
°C
25
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
0
600
500
400
300
200
100
VCE
= −2 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
0.1
1
10
100
0
320
240
80
200
280
160
40
120
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
80
60
20
50
70
40
10
30
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)


Similar Part No. - 2SB790

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
More results

Similar Description - 2SB790

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3928 ISAHAYA-2SC3928_11 Datasheet
138Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION
2SC5625 ISAHAYA-2SC5625_10 Datasheet
100Kb / 2P
   FOR LOW FREQUENCY AMPLIFY APPLICATION
RT1A3906-T112 ISAHAYA-RT1A3906-T112 Datasheet
117Kb / 3P
   FOR LOW FREQUENCY AMPLIFY APPLICATION
logo
List of Unclassifed Man...
2SB1314 ETC-2SB1314 Datasheet
120Kb / 3P
   FOR LOW FREQUENCY POWER AMPLIFY APPLICATION
logo
Panasonic Semiconductor
2SB0968 PANASONIC-2SB0968 Datasheet
80Kb / 4P
   For Low-Frequency Output Amplification
2SB0976 PANASONIC-2SB0976 Datasheet
68Kb / 3P
   For Low-Frequency Output Amplification
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
   For low-frequency output amplification
2SD0592A PANASONIC-2SD0592A Datasheet
78Kb / 4P
   For Low-Frequency Output Amplification
2SB0819 PANASONIC-2SB0819 Datasheet
81Kb / 4P
   For Low-Frequency Output Amplification
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
   For Low-Frequency Output Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com