Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13631T Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA13631T
Description  CD-ROM Combo Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13631T Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA13631T Datasheet HTML 1Page - Hitachi Semiconductor HA13631T Datasheet HTML 2Page - Hitachi Semiconductor HA13631T Datasheet HTML 3Page - Hitachi Semiconductor HA13631T Datasheet HTML 4Page - Hitachi Semiconductor HA13631T Datasheet HTML 5Page - Hitachi Semiconductor HA13631T Datasheet HTML 6Page - Hitachi Semiconductor HA13631T Datasheet HTML 7Page - Hitachi Semiconductor HA13631T Datasheet HTML 8Page - Hitachi Semiconductor HA13631T Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HA13631T
3
Pin Description
Pin No.
Pin Name
Function
1
ASGND
Actuator small signal GND
2
SLDIN
SLD driver control input
3
OP3IN
Inverted input of OP amp. 3 for SLD driver control
4
OP4IN
Inverted input of OP amp. 4 for TRY driver control
5
VSLD
SLD driver power supply
6
TRYIN
TRY driver control input
7
SLDP
SLD driver P output
8
SLDN
SLD driver N output
9
SLDGND
SLD and TRY driver GND
10
VTRY
TRY driver power supply
11
TRYP
TRY driver P output
12
TRYN
TRY driver N output
13
BSTGND
Booster GND
14
BP1
Booster pumping capacitor connection
15
BP2
Booster pumping capacitor connection
16
VBST
Booster output pin. This circuit generates a voltage about two times of the VSPN
pin.
17
U
U phase output
18
RNF
SPN driver current detection
19
V
V phase output
20
W
W phase output
21
EXTCOM
COMM signal on/off control and FGOUT switching. (Refer to the Timing Chart)
22
FGOUT
FG output (Refer to the Timing Chart) open drain
23
COMM
Start-up clock input pin for sensorless (Refer to the Timing Chart)
24
BRKSEL
To select the brake mode (Refer to the Truth Table)
25
CE
Chip enable (Refer to the Truth Table)
26
HB
Hall bias switch
27
HU+
U-phase Hall +input, and U-phase B-EMF connection pin for sensorless
28
ASGND
Actuator small signal GND
29
ASGND
Actuator small signal GND
30
VSPN
SPN driver power supply
31
HU–
U-phase Hall –input, and center tap connection pin for sensorless
32
HV+
V-phase Hall +input, and V-phase B-EMF connection pin for sensorless
33
HV–
V-phase Hall –input, and center tap connection pin for sensorless


Similar Part No. - HA13631T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
HA13609ANT HITACHI-HA13609ANT Datasheet
143Kb / 31P
   Three-Phase Brushless Motor Driver
HA13614 HITACHI-HA13614 Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
More results

Similar Description - HA13631T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
   5 Channel Driver for CD/CD-ROM
logo
Sanyo Semicon Device
LB1916 SANYO-LB1916 Datasheet
127Kb / 7P
   CD-ROM Spindle Motor Driver
logo
Rohm
BA5912BFP ROHM-BA5912BFP_1 Datasheet
141Kb / 6P
   Power Driver For CD-ROM
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5954FP ROHM-BA5954FP_1 Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
BA5912BFP ROHM-BA5912BFP Datasheet
299Kb / 7P
   Power Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
BA6855AFM ROHM-BA6855AFM Datasheet
131Kb / 8P
   CD-ROM spindle motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com