Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3146N Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3146N
Description  6-/8-/12-Channel DS3/E3 Framers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3146N Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3146N Datasheet HTML 4Page - Maxim Integrated Products DS3146N Datasheet HTML 5Page - Maxim Integrated Products DS3146N Datasheet HTML 6Page - Maxim Integrated Products DS3146N Datasheet HTML 7Page - Maxim Integrated Products DS3146N Datasheet HTML 8Page - Maxim Integrated Products DS3146N Datasheet HTML 9Page - Maxim Integrated Products DS3146N Datasheet HTML 10Page - Maxim Integrated Products DS3146N Datasheet HTML 11Page - Maxim Integrated Products DS3146N Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
DS3146/DS3146/DS31412 6-/8-/12-Channel DS3/E3 Framers
8 of 89
4. STANDARDS COMPLIANCE
Table 4-A. Applicable Telecommunications Standards
SPECIFICATION
TITLE
ANSI
T1.107–1995
Digital Hierarchy—Formats Specification
T1.231–1997
Digital Hierarchy—Layer 1 In-Service Digital Transmission Performance Monitoring
T1.404–1994
Network-to-Customer Installation—DS3 Metallic Interface Specification
ITU–T
G.703
Physical/Electrical Characteristics of Hierarchical Digital Interfaces, 1991
G.751
Digital Multiplex Equipment Operating at the Third-Order Bit Rate of 34,368kbps and the
Fourth-Order Bit Rate of 139,264kbps and Using Positive Justification, 1993
G.775
Loss-of-Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection and Clearance
Criteria, November 1994
G.823
The Control of Jitter and Wander within Digital Networks that are Based on the 2048kbps
Hierarchy, 1993
O.151
Error Performance Measuring Equipment Operating at the Primary Rate and Above,
October 1992
O.161
In-Service Code Violation Monitors for Digital Systems, 1984
IETF
RFC 2469
Definition of Managed Objects for the DS3/E3 Interface Type, Network Working Group
Request for Comments, January 1999
TELCORDIA
GR-499-CORE
Transport Systems Generic Requirements (TSGR): Common Requirements, Issue 1,
December 1995
GR-820-CORE
Generic Digital Transmission Surveillance, Issue 1, November 1994
TR-TSY-000009
Asynchronous Digital Multiplexes Requirements and Objectives, Issue 1, May 1986
TR-TSY-000191
Alarm Indication Signal Requirements and Objectives, Issue 1, May 1986


Similar Part No. - DS3146N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS31400 MAXIM-DS31400 Datasheet
100Kb / 5P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 4/10
DS31400GN MAXIM-DS31400GN Datasheet
100Kb / 5P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 4/10
DS31400GN++ MAXIM-DS31400GN+ Datasheet
100Kb / 5P
   8-Input, 14-Output, Dual DPLL Timing IC with Sub-ps Output Jitter
Rev 0; 4/10
DS31404 MAXIM-DS31404 Datasheet
103Kb / 5P
   4-Input, 8-Output, Dual DPLL Timing IC with Sub-ps Output Jitter Differential
Rev 0; 12/10
DS31404GN++ MAXIM-DS31404GN+ Datasheet
103Kb / 5P
   4-Input, 8-Output, Dual DPLL Timing IC with Sub-ps Output Jitter Differential
Rev 0; 12/10
More results

Similar Description - DS3146N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3141 MAXIM-DS3141 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
REV: 012003
logo
Dallas Semiconductor
DS3142 DALLAS-DS3142 Datasheet
1Mb / 88P
   Single/Dual/Triple/Quad DS3/E3 Framers
logo
Maxim Integrated Produc...
DS32506 MAXIM-DS32506 Datasheet
1Mb / 130P
   6-/8-/12-Port DS3/E3/STS-1 LIU
REV: 103008
logo
M/A-COM Technology Solu...
29323-BRF-001-A MA-COM-29323-BRF-001-A Datasheet
507Kb / 2P
   3/6-Port DS3/E3/STS-1 Integrated
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
M/A-COM Technology Solu...
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
   6-Port DS3/E3/STS-1 Integrated Line Termination
28335-BRF-001-B MA-COM-28335-BRF-001-B Datasheet
367Kb / 2P
   12-Port DS3/E3/STS-1 Line Interface Unit
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
logo
M/A-COM Technology Solu...
28335-BRF-001-B MA-COM-28335-BRF-001-B_15 Datasheet
367Kb / 2P
   12-Port DS3/E3/STS-1 Line Interface Unit
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com