Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3112 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS3112
Description  TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3112 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS3112 Datasheet HTML 2Page - Dallas Semiconductor DS3112 Datasheet HTML 3Page - Dallas Semiconductor DS3112 Datasheet HTML 4Page - Dallas Semiconductor DS3112 Datasheet HTML 5Page - Dallas Semiconductor DS3112 Datasheet HTML 6Page - Dallas Semiconductor DS3112 Datasheet HTML 7Page - Dallas Semiconductor DS3112 Datasheet HTML 8Page - Dallas Semiconductor DS3112 Datasheet HTML 9Page - Dallas Semiconductor DS3112 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 135 page
background image
DS3112
6 of 135
MAIN DS3112 TEMPE FEATURES Table 1B
General Features
§ Can be operated as a standalone T3 or E3 framer without any M13 or E13 multiplexing
§ T1/E1 FIFOs in the receive direction provide T1/E1 demultiplexed clocks with very little jitter
§ Two T1/E1 drop and insert ports
§ B3ZS/HDB3 encoder and decoder
§ T3 C-Bit Parity mode
§ All the receive T1/E1 ports can be clocked out on a common clock
§ All the transmit T1/E1 ports can be clocked in on a common clock
§ Generates gapped clocks that can be used as demand clocks in unchannelized T3/E3 applications
§ T1/E1 ports can be configured into a “loop-timed” mode
§ T3/E3 port interfaces can be either bipolar or unipolar
§ The clock, data, and control signals can be inverted to allow a glueless interface to other device
§ Loss of transmit and receive clock detect
T3/E3 Framer
§ Generates T3/E3 Alarm Indication Signal (AIS) and Remote Alarm Indication (RAI) alarms
§ Transmit framer pass through mode
§ Generates T3 idle signal
§ Detects the following T3/E3 alarms and events: Loss Of Signal (LOS), Loss Of Frame (LOF), Alarm
Indication Signal (AIS), Remote Alarm Indication (RAI), T3 idle signal, Change Of Frame Alignment
(COFA), B3ZS and HDB3 code words being received, Severely Errored Framing Event (SEFE), and
T3 Application ID status indication
T2/E2 Framer
§ Generates T2/E2 Alarm Indication Signal (AIS) and Remote Alarm Indication (RAI) alarms
§ Generates Alarm Indication Signal (AIS) for T1/E1 data streams in both the transmit and receive
directions
§ Detects the following T2/E2 alarms and events: Loss Of Frame (LOF), Alarm Indication Signal
(AIS), and Remote Alarm Indication (RAI)
§ Detects T1 line loopback commands (C3 bit is the inverse of C1 and C2)
§ Generates T1 line loopback commands
HDLC Controller
§ Designed to handle multiple LAPD messages without Host intervention
§ 256 byte receive and transmit buffers are large enough to handle the three T3 messages (Path ID, Idle
Signal ID, and Test Signal ID) that are sent and received once a second which means the Host only
needs to access the HDLC Controller once a second
§ Handles all of the normal Layer 2 tasks such as zero stuffing/destuffing, CRC generation/checking,
abort generation/checking, flag generation/detection, and byte alignment
§ Programmable high and low watermarks for the FIFO
§ HDLC Controller can be used in either the T3 C-Bit Parity Mode or in the Sn Bits in the E3 Mode


Similar Part No. - DS3112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
DS3112++ MAXIM-DS3112+ Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
DS3112N MAXIM-DS3112N Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
DS3112N++ MAXIM-DS3112N+ Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
More results

Similar Description - DS3112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
logo
XFMRS Inc.
XF0196-32S XFMRS-XF0196-32S Datasheet
58Kb / 1P
   T3/E3/DS3 QUAD PORT
logo
Pulse A Technitrol Comp...
PE-65661 PULSE-PE-65661 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
Pulse A Technitrol Comp...
PE-65967T PULSE-PE-65967T Datasheet
125Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
Bothhand USA, LP.
S5664 BOTHHAND-S5664 Datasheet
245Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
logo
Bourns Electronic Solut...
PT75426 BOURNS-PT75426 Datasheet
135Kb / 1P
   T3/DS3/E3/STS-1 Transformer
logo
PCA ELECTRONICS INC.
EPA3133G PCA-EPA3133G Datasheet
21Kb / 1P
   T3/DS3/E3/STS-1 Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com