Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1339
Description  I2C Serial Real-Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1339 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1339 Datasheet HTML 1Page - Dallas Semiconductor DS1339 Datasheet HTML 2Page - Dallas Semiconductor DS1339 Datasheet HTML 3Page - Dallas Semiconductor DS1339 Datasheet HTML 4Page - Dallas Semiconductor DS1339 Datasheet HTML 5Page - Dallas Semiconductor DS1339 Datasheet HTML 6Page - Dallas Semiconductor DS1339 Datasheet HTML 7Page - Dallas Semiconductor DS1339 Datasheet HTML 8Page - Dallas Semiconductor DS1339 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
REV: 071205
GENERAL DESCRIPTION
The DS1339 serial real-time clock (RTC) is a low-
power clock/date device with two programmable time-
of-day alarms and a programmable square-wave
output. Address and data are transferred serially
through an I
2C* bus. The clock/date provides seconds,
minutes,
hours,
day,
date,
month,
and
year
information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with
AM/PM indicator. The DS1339 has a built-in power-
sense circuit that detects power failures and
automatically
switches
to
the
backup
supply,
maintaining time and date operation.
APPLICATIONS
Handhelds (GPS, POS Terminals)
Consumer Electronics (Set-Top Box, Digital
Recording, Network Appliance)
Office Equipment (Fax/Printers, Copier)
Medical (Glucometer, Medicine Dispenser)
Telecommunications (Routers, Switches, Servers)
Other (Utility Meter, Vending Machine, Thermostat,
Modem
)
FEATURES
§
Real-Time Clock (RTC) Counts Seconds, Minutes,
Hours, Day, Date, Month, and Year with Leap-
Year Compensation Valid Up to 2100
§
Available in a Surface-Mount Package with an
Integrated Crystal (DS1339C)
§
I
2C Serial Interface
§
Two Time-of-Day Alarms
§
Programmable Square-Wave Output
§
Oscillator Stop Flag
§
Automatic Power-Fail Detect and Switch Circuitry
§
Trickle-Charge Capability
§
Underwriters Laboratory (UL) Recognized
Pin Configurations appear at end of data sheet.
*I
2C is a trademark of Philips Corp. Purchase of I2C components
from Maxim Integrated Products, Inc., or one of its sublicensed
Associated Companies, conveys a license under the Philips I
2C
Patent Rights to use these components in an I
2C system, provided
that the system conforms to the I
2C Standard Specification as
defined by Philips.
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK*
DS1339C-2
-40°C to +85°C
2.0
16 SO (300 mils)
DS1339C-2
DS1339C-2+
-40°C to +85°C
2.0
16 SO (300 mils)
DS1339C-2
DS1339C-3
-40°C to +85°C
3.0
16 SO (300 mils)
DS1339C-3
DS1339C-3+
-40°C to +85°C
3.0
16 SO (300 mils)
DS1339C-3
DS1339C-33
-40°C to +85°C
3.3
16 SO (300 mils)
DS1339C-33
DS1339C-33+
-40°C to +85°C
3.3
16 SO (300 mils)
DS1339C-33
DS1339U-2
-40°C to +85°C
2.0
8
mSOP
1339 ##-2
DS1339U-3
-40°C to +85°C
3.0
8
mSOP
1339 ##-3
DS1339U-3+
-40°C to +85°C
3.0
8
mSOP
1339 ##-3
DS1339U-33
-40°C to +85°C
3.3
8
mSOP
1339 ##-33
DS1339U-33+
-40°C to +85°C
3.3
8
mSOP
1339 ##-33
+ Denotes a lead-free/RoHS-compliant device.
## = second line, revision code
2 = 2.0V (VCC ±10%)
3 = 3.0V (VCC ±10%)
33 = 3.3V (VCC ±10%)
* A “+” on the top mark indicates a lead-free device.
DS1339
I2C Serial Real-Time Clock
www.maxim-ic.com


Similar Part No. - DS1339

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339 MAXIM-DS1339 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com