Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C45C8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. C45C8
Description  Medium Power Switching and Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
PNP PLASTIC POWER TRANSISTOR
C45C8
TO-220
Plastic Package
Medium Power Switching and Amplifier Applications
Complementary C44C8
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector- Emitter Voltage
VCES
70
V
Collector- Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
5
V
Collector Current Continuous
IC
4
A
Peak *
ICM
6
Base Current Continuous
IB
2
A
Power Dissipation TA=25ºC
PD
1.67
W
TC=25ºC
30
Operating & Storage Junction
Tj, Tstg
- 55 to +150
ºC
Temperature Range
Thermal Resistance
Junction to Ambient
Rth (j-a)
75
ºC/W
Junction to Case
Rth (j-c)
4.2
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector- Emitter Sustaing Voltage
VCEO(sus)*
IC=100mA, IB=0
60
V
Collector Cut Off Current
ICES
VCE=Rated VCES
10
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
µA
DC Current Gain
hFE*
IC=0.2A, VCE=1V
40
120
IC=1A, VCE=1V
20
Collector Emitter Saturation Voltage
VCE(sat) *
IC=1A, IB=50mA
0.5
V
Base Emitter Saturation Voltage
VBE(sat) *
IC=1A, IB=100mA
1.3
V
Dynamic Characteristics
Collector Capacitance
Ccbo
VCB=10V, IE=0
125
pF
f=1MHz
Current Gain Bandwidth Product
fT
VCE=4V, IC=20mA
40
MHz
*Pulse Test Pulse Width<300
µµs, Duty Cycle<2%
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BDX77Medium Power Switching and Amplifier Applications 1 2 Continental Device India Limited
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
CSD882Audio Frequency Power Amplifier and Low Speed Switching Applications 1 2 3 Continental Device India Limited
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl