Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C45C8 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. C45C8
Description  Medium Power Switching and Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
C45C8
TO-220
Plastic Package
TO-220 Plastic Package
TO-220 Tube Packing
TO-220/FP
200 pcs/polybag
50 pcs/tube
396gm/200 pcs
120gm/50pcs
3"x7.5"x7.5"
3.5"x3.7"x21.5"
1.0K
1.0K
17"x15"x13.5"
19"x19"x19"
16.0K
10.0K
36kgs
29kgs
PACKAGE
NetWeight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
GrWt
Size
Size
Packing Detail
Pin Configuration
1. Base
2. Collector
3. Emitter
4. Collector
3
2
1
4
All diminsions in mm.
DIM
MIN
MAX
N
O
B
C
D
E
F
G
H
J
K
L
M
A
14.42
16.51
9.63
10.67
3.56
4.83
0.90
1.15
1.40
3.75
3.88
2.29
2.79
2.54
3.43
0.56
12.70
14.73
2.80
4.07
2.03
2.92
31.24
7 DEG
B
F
C
E
1
2
3
D
G
M
J
6.87
13.74
End Pin
Tube Thickness
DEVICE NAME
Label
536.00
±1.5
50 Pcs./Tube
Sr.
QTY.
All Dimensions in mm
AMMO PACK SIZE
20 Tubes/Ammo Pack
1000 Pcs./Ammo Pack
Label
538
.00
75.0
Continental Device India Limited
Data Sheet
Page 3 of 4




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BDX77Medium Power Switching and Amplifier Applications 1 2 Continental Device India Limited
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
CSD882Audio Frequency Power Amplifier and Low Speed Switching Applications 1 2 3 Continental Device India Limited
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl