Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C45C8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. C45C8
Description  Medium Power Switching and Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
PNP PLASTIC POWER TRANSISTOR
C45C8
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC Unless Otherwise Specified)
Switching Time
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Delay Time + Rise Time
td + tr
IC=1A, IB1=1B2=0.1A
50
ns
Storage Time
ts
VCC=30V, tp=25µs
500
ns
Fall Time
tf
50
Continental Device India Limited
Data Sheet
Page 2 of 4




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BDX77Medium Power Switching and Amplifier Applications 1 2 Continental Device India Limited
BD240Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD241Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
BD242Medium Power Linear and Switching Applications 1 2 3 Fairchild Semiconductor
2N6121Medium Power Linear and Switching Applications 1 2 Boca Semiconductor Corporation
BD243Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD244Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
CSD882Audio Frequency Power Amplifier and Low Speed Switching Applications 1 2 3 Continental Device India Limited
BD375Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD376Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl