Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6WA25616-TI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS6WA25616-TI
Description  3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS6WA25616-TI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  AS6WA25616-TI Datasheet HTML 1Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 2Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 3Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 4Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 5Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 6Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 7Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 8Page - List of Unclassifed Manufacturers AS6WA25616-TI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Š
AS6WA25616
7/9/02; v.1.3
Alliance Semiconductor
P. 9 of 9
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks
of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data
contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development,
significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any
guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related
to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's
Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a
license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-
supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes
all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Ordering codes
Part numbering system
Speed (ns)
Ordering Code
Package Type
Operating Range
55
AS6WA25616-TC
44-pin TSOP 2
Commercial
AS6WA25616-BC
48-ball fine pitch BGA
55
AS6WA25616-TI
44-pin TSOP 2
Industrial
AS6WA25616-BI
48-ball fine pitch BGA
AS6WA
25616
T, B
C, I
SRAM Intelliwatt™ prefix
Device number
Package:
T: TSOP 2
B: CSP/BGA
Temperature range:
C: Commercial: 0° C to 70° C
I: Industrial:
40° C to 85° C


Similar Part No. - AS6WA25616-TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
   3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
More results

Similar Description - AS6WA25616-TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
   2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
   2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
   3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
logo
Hynix Semiconductor
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com