Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQV210EH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AQV210EH
Description  GU (General Use)-E Type [1-Channel (Form A) Type]
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AQV210EH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AQV210EH Datasheet HTML 1Page - List of Unclassifed Manufacturers AQV210EH Datasheet HTML 2Page - List of Unclassifed Manufacturers AQV210EH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQV21rE
118
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
80
AQV210E
AQV214E
AQV210EH, AQV214EH
85
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV210E,AQV214E
AQV210EH, AQV214EH
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV210E,AQV214E
AQV210EH, AQV214EH
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
0
1.0
1.1
1.2
1.3
–40
0
–20
20
40
60
80
1.4
50mA
30mA
20mA
10mA
5mA
1.5
85
Ambient temperature,
°C
5
3
1
–5
–3
–1
–140
–80
–20
140
80
20
40
60
100
120
–40
–60
–100
–120
–2
–4
24
AQV210E(H)
AQV214E(H)
Voltage, V
0
60
100
10
–3
–6
10
10
–9
10
–12
AQV214E(H)
20
40
80
AQV210E(H)
Load voltage, V
10-(1). LED forward current vs. turn on time
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
10-(2). LED forward current vs. turn on time
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11-(1). LED forward current vs. turn off time
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
0
0.2
0.4
0.6
0.8
1.4
1.0
10
20
30
40
50
60
AQV214E
AQV210E
1.2
LED forward current, mA
0
0.5
1.0
2.5
1.5
10
20
30
40
50
60
2.0
AQV210EH, AQV214EH
LED forward current, mA
0
0.02
0.04
0.08
0.06
10
20
30
40
0.10
50
AQV210E
AQV214E
LED forward current, mA
11-(2). LED forward current vs. turn off time
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
0.05
0.10
0.20
0.15
10
20
30
40
0.25
50
AQV210EH, AQV214EH
LED forward current, mA
0
10
20
50
10
20
30
40
50
30
40
0
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.


Similar Part No. - AQV210EH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV210EH PANASONIC-AQV210EH Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
AQV210EHA PANASONIC-AQV210EHA Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
AQV210EHAX PANASONIC-AQV210EHAX Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
AQV210EHAZ PANASONIC-AQV210EHAZ Datasheet
85Kb / 4P
   High cost-performance DIP6-pin type, reinforced insulation available Computers
More results

Similar Description - AQV210EH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
   GU (General Use)-E Type 2-Channel (Form A) Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com