Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26457SA-XXBS8 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSC23V26457SA-XXBS8
Description  2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26457SA-XXBS8 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSC23V26457SA-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 9Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 10Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8
¡ Semiconductor
639
8
AC Characteristics (1/2)
Parameter
Symbol
Unit
Random Read or Write Cycle Time
Note
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Note 1,2,3,12,13
tRC
ns
Fast Page Mode Cycle Time
tHPC
ns
Access Time from RAS
tRAC
ns
Access Time from CAS
tCAC
ns
Access Time from Column Address
tAA
ns
Access Time from CAS Precharge
tCPA
ns
Output Low Impedance Time from CAS
tCLZ
ns
CAS to Data Output Buffer Turn-off Delay Time
tCEZ
ns
Transition Time
tT
ns
Refresh Period
tREF
ms
RAS Precharge Time
tRP
ns
RAS Pulse Width
tRAS
ns
RAS Pulse Width (Fast Page Mode)
tRASP
ns
RAS Hold Time
tRSH
ns
CAS Precharge Time
tCP
ns
CAS Pulse Width
tCAS
ns
RAS Low to CAS High Delay Time
tCSH
ns
CAS High to RAS Low Delay Time
tCRP
ns
RAS to CAS Delay Time
tRCD
ns
RAS to Column Address Delay Time
tRAD
ns
Row Address Set-up Time
tASR
ns
Row Address Hold Time
tRAH
ns
Column Address Set-up Time
tASC
ns
Column Address Hold Time
tCAH
ns
Column Address Hold Time from RAS
tAR
ns
Column Address to RAS Lead Time
tRAL
ns
4, 5, 6
4, 5
4, 6
7, 8
3
5
6
-70
-60
4
RAS Hold Time from CAS Precharge
tRHCP
ns
Min.
130
30
0
0
3
50
70
70
20
10
20
45
5
20
15
0
10
0
15
45
35
40
Max.
70
20
35
40
15
50
32
10k
100k
10k
50
35
Min.
110
25
0
0
3
40
60
60
15
10
15
40
5
20
15
0
10
0
15
40
30
35
Max.
60
15
30
35
15
50
32
10k
100k
10k
45
30
Output Hold Time from CAS Low
tDOH
ns
5—
5—
RAS to Data Output Buffer Turn-off Delay Time
tREZ
ns
7, 8
015
015
OE to Data Output Buffer Turn-off Delay Time
tOEZ
ns
7
015
015
RAS to Second CAS Delay Time
tRSCD
ns
70
60
Read Modify Write Cycle Time
tRWC
ns
Fast Page Mode Read Modify Write Cycle Time tPRWC
ns
180
95
150
80
Access Time from OE
tOEA
ns
4
—20
—15
WE to Data Output Buffer Turn-off Delay Time
tWEZ
ns
7
015
015
RAS Hold Time referenced to OE
tROH
ns
20
15
CAS, OE Hold Time (Output Disable)
tCHO
ns
10
5—
4


Similar Part No. - MSC23V26457SA-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD OKI-MSC23V26457TD Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50 OKI-MSC23V26457TD-50 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50BS8 OKI-MSC23V26457TD-50BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60 OKI-MSC23V26457TD-60 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60BS8 OKI-MSC23V26457TD-60BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V26457SA-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com