Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26457SA-XXBS8 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSC23V26457SA-XXBS8
Description  2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26457SA-XXBS8 Datasheet(HTML) 3 Page - OKI electronic componets

  MSC23V26457SA-XXBS8 Datasheet HTML 1Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 2Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23V26457SA-XXBS8 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8
¡ Semiconductor
633
8
MSC23V26457SA-xxBS8
0.23 Min.
1.27 ±0.1
1.0 ±0.1
0.25 Max.
6.35 ±0.1
2.0 ±0.1
3.00 ±0.13
CL
6.35 ±0.1
2.0 ±0.1
3.00 ±0.13
DETAIL B
DETAIL A
2 – R2 ±0.1
133.35 ±0.2
2 – R1 ±0.1
127.35 Typ.
3.0 ±0.13
21.495 ±0.13
45.18 ±0.13
54.61 ±0.1
36.83 ±0.1
2 – φ3 ±0.1
84
B
A
11.43 ±0.1
(Unit : mm)
5.89 ±0.13
*1
*1 The common size difference of the board width 19.78 mm of its height is
specified as ±0.2. The value above 19.78 mm is specified as ±0.5.
6.0 Min.
1.27 ±0.1
5.28 Max.


Similar Part No. - MSC23V26457SA-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD OKI-MSC23V26457TD Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50 OKI-MSC23V26457TD-50 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50BS8 OKI-MSC23V26457TD-50BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60 OKI-MSC23V26457TD-60 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60BS8 OKI-MSC23V26457TD-60BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V26457SA-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com