Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6517 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N6517
Description  High Voltage Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6517 Datasheet(HTML) 6 Page - ON Semiconductor

  2N6517 Datasheet HTML 1Page - ON Semiconductor 2N6517 Datasheet HTML 2Page - ON Semiconductor 2N6517 Datasheet HTML 3Page - ON Semiconductor 2N6517 Datasheet HTML 4Page - ON Semiconductor 2N6517 Datasheet HTML 5Page - ON Semiconductor 2N6517 Datasheet HTML 6Page - ON Semiconductor 2N6517 Datasheet HTML 7Page - ON Semiconductor 2N6517 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NPN 2N6515 2N6517 PNP 2N6520
http://onsemi.com
6
Figure 16. Switching Time Test Circuit
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
10k
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
t, TIME (ms)
Figure 17. Thermal Response
500
200
100
50
20
10
5.0
2.0
1.0
0.5
0.5 1.0
2.0
5.0
10
20
50 100 200
500
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 18. Active Region Safe Operating Area
Design Note: Use of Transient Thermal Resistance Data
FIGURE A
tP
PP
PP
t1
1/f
DUTY CYCLE + t1 f +
t1
tP
PEAK PULSE POWER = PP
TA = 25°C
1.0 ms
10 µs
TC = 25°C
100 µs
100 ms
+10.8 V
-9.2 V
+VCC
2.2 k
20 k
50
50 Ω SAMPLING SCOPE
1/2MSD7000
1.0 k
VCC ADJUSTED
FOR VCE(off) = 100 V
APPROXIMATELY
-1.35 V
(ADJUST FOR V(BE)off = 2.0 V)
PULSE WIDTH ≈ 100 µs
tr, tf ≤ 5.0 ns
DUTY CYCLE ≤ 1.0%
FOR PNP TEST CIRCUIT,
REVERSE ALL VOLTAGE POLARITIES
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
ZθJC(t) = r(t) • RθJC TJ(pk) - TC = P(pk) ZθJC(t)
ZθJA(t) = r(t) • RθJA TJ(pk) - TA = P(pk) ZθJA(t)
CURRENT LIMIT
THERMAL LIMIT
(PULSE CURVES @ TC = 25°C)
SECOND BREAKDOWN LIMIT
CURVES APPLY
BELOW RATED VCEO
2N6515
2N6517, 2N6520


Similar Part No. - 2N6517

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6517 ONSEMI-2N6517 Datasheet
229Kb / 8P
   High Voltage Transistors
October, 2001 ??Rev. 3
logo
Continental Device Indi...
2N6517 CDIL-2N6517 Datasheet
220Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Zetex Semiconductors
2N6517 ZETEX-2N6517 Datasheet
27Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Foshan Blue Rocket Elec...
2N6517 FOSHAN-2N6517 Datasheet
923Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Samsung semiconductor
2N6517 SAMSUNG-2N6517 Datasheet
36Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2N6517

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com