Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26457TA Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSC23V26457TA
Description  2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26457TA Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSC23V26457TA Datasheet HTML 3Page - OKI electronic componets MSC23V26457TA Datasheet HTML 4Page - OKI electronic componets MSC23V26457TA Datasheet HTML 5Page - OKI electronic componets MSC23V26457TA Datasheet HTML 6Page - OKI electronic componets MSC23V26457TA Datasheet HTML 7Page - OKI electronic componets MSC23V26457TA Datasheet HTML 8Page - OKI electronic componets MSC23V26457TA Datasheet HTML 9Page - OKI electronic componets MSC23V26457TA Datasheet HTML 10Page - OKI electronic componets MSC23V26457TA Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MSC23V26457TA-xxBS8/MSC23V26457SA-xxBS8
¡ Semiconductor
640
8
AC Characteristics (2/2)
Parameter
Symbol
Unit
Read Command Hold Time
Note
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Note 1,2,3,12,13
tRRH
ns
Read Command Hold Time referenced to RAS
tWCS
ns
Write Command Set-up Time
tWCH
ns
Write Command Hold Time
tWCR
ns
Write Command Hold Time from RAS
tWP
ns
Write Command Pulse Width
tRWL
ns
Write Command to RAS Lead Time
tCWL
ns
Write Command to CAS Lead Time
tDS
ns
Data-in Set-up Time
tDH
ns
Data-in Hold Time
tDHR
ns
Data-in Hold Time from RAS
tRPC
ns
CAS Active Delay Time from RAS Precharge
tCSR
ns
RAS to CAS Set-up Time (CAS before RAS)
tCHR
ns
RAS to CAS Hold Time (CAS before RAS)ns
-70
Read Command Set-up Time
tRCH
ns
Min.
0
0
0
15
45
15
20
20
0
15
45
5
5
15
0
Max.
tRCS
9
-60
Min.
0
0
0
10
40
10
15
15
0
15
40
5
5
10
0
Max.
10
11
11
tWPE
Write Command Pulse Width (Output Disable)
ns
10
5—
tOEH
WE Low to OE Low Delay Time
ns
20
15
tOEP
OE Precharge Time
ns
10
10
tOCH
OE Low to CAS High Delay Time
ns
10
10
tOED
OE to Data-in Delay Time
ns
15
15
tCWD
CAS to WE Delay Time
ns
45
35
tAWD
Column Address to WE Delay Time
ns
60
50
tRWD
RAS to WE Delay Time
ns
95
80
tCPWD
CAS Precharge to WE Delay Time
ns
65
55
10
10
10
10
tWRP
WE to RAS Precharge Time (CAS before RAS)
ns
10
10
tWRH
WE Hold Time from RAS (CAS before RAS)
ns
10
10
tWTS
RAS to WE Set-up Time (Test Mode)
ns
10
10
tWTH
RAS to WE Hold Time (Test Mode)
ns
10
10
9


Similar Part No. - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26457TD OKI-MSC23V26457TD Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50 OKI-MSC23V26457TD-50 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-50BS8 OKI-MSC23V26457TD-50BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60 OKI-MSC23V26457TD-60 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-60BS8 OKI-MSC23V26457TD-60BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V26457TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23232C OKI-MSC23232C Datasheet
616Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23268D-XXBS4 OKI-MSC23CV23268D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com