Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6388 Datasheet(PDF) 7 Page - ON Semiconductor

Part # 2N6388
Description  Plastic Medium-Power Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6388 Datasheet(HTML) 7 Page - ON Semiconductor

  2N6388 Datasheet HTML 1Page - ON Semiconductor 2N6388 Datasheet HTML 2Page - ON Semiconductor 2N6388 Datasheet HTML 3Page - ON Semiconductor 2N6388 Datasheet HTML 4Page - ON Semiconductor 2N6388 Datasheet HTML 5Page - ON Semiconductor 2N6388 Datasheet HTML 6Page - ON Semiconductor 2N6388 Datasheet HTML 7Page - ON Semiconductor 2N6388 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2N6387 2N6388
http://onsemi.com
7
PACKAGE DIMENSIONS
CASE 221A–09
ISSUE AA
TO–220AB
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR


Similar Part No. - 2N6388

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6388 MOSPEC-2N6388 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
logo
Quanzhou Jinmei Electro...
2N6388 JMNIC-2N6388 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6388 ONSEMI-2N6388 Datasheet
164Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Quanzhou Jinmei Electro...
2N6388 JMNIC-2N6388 Datasheet
163Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
2N6388 STMICROELECTRONICS-2N6388 Datasheet
49Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTOR
April 1999
More results

Similar Description - 2N6388

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com