Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6387 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N6387
Description  Plastic Medium-Power Silicon Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6387 Datasheet(HTML) 3 Page - ON Semiconductor

  2N6387 Datasheet HTML 1Page - ON Semiconductor 2N6387 Datasheet HTML 2Page - ON Semiconductor 2N6387 Datasheet HTML 3Page - ON Semiconductor 2N6387 Datasheet HTML 4Page - ON Semiconductor 2N6387 Datasheet HTML 5Page - ON Semiconductor 2N6387 Datasheet HTML 6Page - ON Semiconductor 2N6387 Datasheet HTML 7Page - ON Semiconductor 2N6387 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2N6387 2N6388
http://onsemi.com
3
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 200 mAdc, IB = 0)
2N6387
2N6388
VCEO(sus)
60
80
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, IB = 0)
2N6387
(VCE = 80 Vdc, IB = 0)
2N6388
ICEO
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc)
2N6387
(VCE – 80 Vdc, VEB(off) = 1.5 Vdc)
2N6388
(VCE = 60 Vdc, VEB(off) = 1.5 Vdc, TC = 125_C)
2N6387
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 125_C)
2N6388
ICEX
300
300
3.0
3.0
µAdc
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 5.0 Adc, VCE = 3.0 Vdc)
2N6387, 2N6388
(IC = 1 0 Adc, VCE = 3.0 Vdc)
2N6387, 2N6388
hFE
1000
100
20,000
Collector–Emitter Saturation Voltage
(IC = 5.0 Adc, IB = 0.01 Adc)
2N6387, 2N6388
(IC = 10 Adc, IB = 0.1 Adc)
2N6387, 2N6388
VCE(sat)
2.0
3.0
Vdc
Base–Emitter On Voltage
(IC = 5.0 Adc, VCE = 3.0 Vdc)
2N6387, 2N6388
(IC = 10 Adc, VCE = 3.0 Vdc)
2N6387, 2N6388
VBE(on)
2.8
4.5
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc, ftest = 1.0 MHz)
|hfe|
20
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
200
pF
Small–Signal Current Gain
(IC = 1.0 Adc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
1000
*Indicates JEDEC Registered Data
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.


Similar Part No. - 2N6387

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6387 MOSPEC-2N6387 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
logo
Savantic, Inc.
2N6387 SAVANTIC-2N6387 Datasheet
96Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
164Kb / 6P
   DARLINGTON NPN SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
Continental Device Indi...
2N6387 CDIL-2N6387 Datasheet
92Kb / 4P
   NPN PLASTIC MEDIUM DARLINGTON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6387 BOCA-2N6387 Datasheet
167Kb / 3P
   DARLINGTON SILICON POWER TRANSISTORS
More results

Similar Description - 2N6387

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com