Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6348A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6348A
Description  Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6348A Datasheet(HTML) 2 Page - ON Semiconductor

  2N6348A Datasheet HTML 1Page - ON Semiconductor 2N6348A Datasheet HTML 2Page - ON Semiconductor 2N6348A Datasheet HTML 3Page - ON Semiconductor 2N6348A Datasheet HTML 4Page - ON Semiconductor 2N6348A Datasheet HTML 5Page - ON Semiconductor 2N6348A Datasheet HTML 6Page - ON Semiconductor 2N6348A Datasheet HTML 7Page - ON Semiconductor 2N6348A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6344A, 2N6348A, 2N6349A
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction to Case
R
θJC
2.0
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted; Electricals apply in either direction)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
*Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM,
IRRM
10
2.0
µA
mA
ON CHARACTERISTICS
*Peak On-State Voltage
(ITM = "17 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%)
VTM
1.3
1.75
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
*MT2(+), G(+); MT2(–), G(–) TC = –40°C
*MT2(+), G(–); MT2(–), G(+) TC = –40°C
IGT
6.0
6.0
10
25
50
75
50
75
100
125
mA
Gate Trigger Voltage (Continuous dc)
(VD = 12 Vdc, RL = 100 ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
*MT2(+), G(+); MT2(–), G(–) TC = –40°C
*MT2(+), G(–); MT2(–), G(+) TC = –40°C
VGT
0.9
0.9
1.1
1.4
2.0
2.5
2.0
2.5
2.5
3.0
Volts
Gate Non–Trigger Voltage
(VD = Rated VDRM, RL = 10 k ohms, TJ = 110°C)
*MT2(+), G(+); MT2(–), G(–); MT2(+), G(–); MT2(–), G(+)
VGD
0.2
Volts
Holding Current
(VD = 12 Vdc, Gate Open)
TC = 25°C
Initiating Current =
"200 mA
*TC = –40°C
IH
6.0
40
75
mA
*Turn-On Time
(VD = Rated VDRM, ITM = 17 A, IGT = 120 mA,
Rise Time = 0.1
µs, Pulse Width = 2 µs)
tgt
1.5
2.0
µs
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 17 A, Commutating di/dt = 6.1 A/ms,
Gate Unenergized, TC = 80°C)
dv/dt(c)
5.0
V/
µs
*Indicates JEDEC Registered Data.


Similar Part No. - 2N6348A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6348A ONSEMI-2N6348A Datasheet
70Kb / 7P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N6348A NJSEMI-2N6348A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Kersemi Electronic Co.,...
2N6348A KERSEMI-2N6348A Datasheet
403Kb / 6P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
2N6348AG ONSEMI-2N6348AG Datasheet
70Kb / 7P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 4
More results

Similar Description - 2N6348A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com