Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6111 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6111
Description  Complementary Silicon Plastic Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6111 Datasheet(HTML) 2 Page - ON Semiconductor

  2N6111 Datasheet HTML 1Page - ON Semiconductor 2N6111 Datasheet HTML 2Page - ON Semiconductor 2N6111 Datasheet HTML 3Page - ON Semiconductor 2N6111 Datasheet HTML 4Page - ON Semiconductor 2N6111 Datasheet HTML 5Page - ON Semiconductor 2N6111 Datasheet HTML 6Page - ON Semiconductor 2N6111 Datasheet HTML 7Page - ON Semiconductor 2N6111 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N6107 2N6109 2N6111 2N6288 2N6292
http://onsemi.com
2
40
0
0
20
40
60
80
100
120
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
20
30
140
10


Similar Part No. - 2N6111

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6111 MOSPEC-2N6111 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
logo
Continental Device Indi...
2N6111 CDIL-2N6111 Datasheet
193Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
2N6111 ONSEMI-2N6111 Datasheet
149Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
2N6111 ONSEMI-2N6111 Datasheet
112Kb / 5P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 11
logo
STMicroelectronics
2N6111 STMICROELECTRONICS-2N6111 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
More results

Similar Description - 2N6111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com