Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6059 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6059
Description  Darlington Complementary Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6059 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6059 Datasheet HTML 1Page - ON Semiconductor 2N6059 Datasheet HTML 2Page - ON Semiconductor 2N6059 Datasheet HTML 3Page - ON Semiconductor 2N6059 Datasheet HTML 4Page - ON Semiconductor 2N6059 Datasheet HTML 5Page - ON Semiconductor 2N6059 Datasheet HTML 6Page - ON Semiconductor 2N6059 Datasheet HTML 7Page - ON Semiconductor 2N6059 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6052
http://onsemi.com
4
500
0.1
Figure 7. Small–Signal Current Gain
VR, REVERSE VOLTAGE (VOLTS)
50
1.0
2.0
100
5.0
0.2
0.5
300
100
70
TJ = 25°C
Cib
200
Cob
3000
1.0
Figure 8. Capacitance
f, FREQUENCY (kHz)
30
2.0
5.0
20
50
1000
100
10
10
20
50
2000
1000
500
200
100
50
200
500
2N6052
2N6058/2N6059
TC = 25°C
VCE = 3.0 V
IC = 5.0 A
2N6052
2N6058/2N6059


Similar Part No. - 2N6059

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6059 MOSPEC-2N6059 Datasheet
188Kb / 4P
   POWER TRANSISTORS(12A,150W)
logo
Seme LAB
2N6059 SEME-LAB-2N6059 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
2N6059 ONSEMI-2N6059 Datasheet
190Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
Seme LAB
2N6059 SEME-LAB-2N6059 Datasheet
185Kb / 3P
   SILICON MULTI-EPITAXIAL NPN TRANSISTOR
logo
STMicroelectronics
2N6059 STMICROELECTRONICS-2N6059 Datasheet
64Kb / 4P
   SILICON NPN POWER DARLINGTON TRANSISTOR
June 1997
More results

Similar Description - 2N6059

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com