Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5686 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5686
Description  High-Current Complementary Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5686 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5686 Datasheet HTML 1Page - ON Semiconductor 2N5686 Datasheet HTML 2Page - ON Semiconductor 2N5686 Datasheet HTML 3Page - ON Semiconductor 2N5686 Datasheet HTML 4Page - ON Semiconductor 2N5686 Datasheet HTML 5Page - ON Semiconductor 2N5686 Datasheet HTML 6Page - ON Semiconductor 2N5686 Datasheet HTML 7Page - ON Semiconductor 2N5686 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5684 2N5686
http://onsemi.com
2
*ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Note 2)
(IC = 0.2 Adc, IB = 0)
VCEO(sus)
80
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
ICEO
1.0
mAdc
Collector Cutoff Current
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc)
(VCE = 80 Vdc, VEB(off) = 1.5 Vdc, TC = 150_C)
ICEX
2.0
10
mAdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
ICBO
2.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
5.0
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 2)
(IC = 25 Adc, VCE = 2.0 Vdc)
(IC = 50 Adc, VCE = 5.0 Vdc)
hFE
15
5.0
60
Collector–Emitter Saturation Voltage (Note 2)
(IC = 25 Adc, IB = 2.5 Adc)
(IC = 50 Adc, IB = 10 Adc)
VCE(sat)
1.0
5.0
Vdc
Base–Emitter Saturation Voltage (Note 1) (IC = 25 Adc, IB = 2.5 Adc)
VBE(sat)
2.0
Vdc
Base–Emitter On Voltage (Note 1) (IC = 25 Adc, VCE = 2.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product (IC = 5.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
Output Capacitance
2N5684
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N5686
Cob
2000
1200
pF
Small–Signal Current Gain (IC = 10 Adc, VCE = 5.0 Vdc, f = 1.0 kHz)
hfe
15
*Indicates JEDEC Registered Data.
Note 2: Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Figure 2. Switching Time Test Circuit
1.0
0.5
Figure 3. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
0.7
0.5
0.2
0.07
0.05
0.02
0.01
0.7 1.0
2.0
3.0
5.0 7.0 10
50
TJ = 25°C
IC/IB = 10
VCC = 30 V
0.03
0.3
30
0.1
20
2N5684 (PNP)
2N5686 (NPN)
tr
td
+2.0 V
0
tr
20ns
-12V
10 to 100 µs
DUTY CYCLE ≈ 2.0%
RB
RL
VCC
-30 V
TO SCOPE
tr ≤ 20 ns
VCC
-30 V
TO SCOPE
tr ≤ 20 ns
RL
RB
+10V
0
-12V
10 to 100 µs
DUTY CYCLE ≈ 2.0%
tr ≤ 20ns
VBB +4.0 V
FOR CURVES OF FIGURES 3 & 6, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN CIRCUITS, REVERSE ALL POLARITIES.


Similar Part No. - 2N5686

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5686 MOSPEC-2N5686 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
Microsemi Corporation
2N5686 MICROSEMI-2N5686 Datasheet
58Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5686 ETC-2N5686 Datasheet
347Kb / 8P
   Power Transistors
logo
ON Semiconductor
2N5686 ONSEMI-2N5686 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
logo
Microsemi Corporation
2N5686 MICROSEMI-2N5686 Datasheet
126Kb / 3P
   NPN POWER SILICON TRANSISTOR
More results

Similar Description - 2N5686

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684G ONSEMI-2N5684G Datasheet
119Kb / 5P
   High-Current Complementary Silicon Power Transistors
October, 2007 - Rev. 12
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com