Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5684 Datasheet(PDF) 8 Page - ON Semiconductor

Part # 2N5684
Description  High-Current Complementary Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5684 Datasheet(HTML) 8 Page - ON Semiconductor

  2N5684 Datasheet HTML 1Page - ON Semiconductor 2N5684 Datasheet HTML 2Page - ON Semiconductor 2N5684 Datasheet HTML 3Page - ON Semiconductor 2N5684 Datasheet HTML 4Page - ON Semiconductor 2N5684 Datasheet HTML 5Page - ON Semiconductor 2N5684 Datasheet HTML 6Page - ON Semiconductor 2N5684 Datasheet HTML 7Page - ON Semiconductor 2N5684 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2N5684 2N5686
http://onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
CENTRAL/SOUTH AMERICA:
Spanish Phone: 303–308–7143 (Mon–Fri 8:00am to 5:00pm MST)
Email: ONlit–spanish@hibbertco.com
Toll–Free from Mexico: Dial 01–800–288–2872 for Access –
then Dial 866–297–9322
ASIA/PACIFIC: LDC for ON Semiconductor – Asia Support
Phone: 1–303–675–2121 (Tue–Fri 9:00am to 1:00pm, Hong Kong Time)
Toll Free from Hong Kong & Singapore:
001–800–4422–3781
Email: ONlit–asia@hibbertco.com
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–0031
Phone: 81–3–5740–2700
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
2N5684/D
NORTH AMERICA Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
Fax Response Line: 303–675–2167 or 800–344–3810 Toll Free USA/Canada
N. American Technical Support: 800–282–9855 Toll Free USA/Canada
EUROPE: LDC for ON Semiconductor – European Support
German Phone: (+1) 303–308–7140 (Mon–Fri 2:30pm to 7:00pm CET)
Email: ONlit–german@hibbertco.com
French Phone: (+1) 303–308–7141 (Mon–Fri 2:00pm to 7:00pm CET)
Email: ONlit–french@hibbertco.com
English Phone: (+1) 303–308–7142 (Mon–Fri 12:00pm to 5:00pm GMT)
Email: ONlit@hibbertco.com
EUROPEAN TOLL–FREE ACCESS*: 00–800–4422–3781
*Available from Germany, France, Italy, UK, Ireland


Similar Part No. - 2N5684

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5684 MOSPEC-2N5684 Datasheet
185Kb / 4P
   POWER TRANSISTORS(50A,300W)
logo
Microsemi Corporation
2N5684 MICROSEMI-2N5684 Datasheet
65Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5684 ETC-2N5684 Datasheet
347Kb / 8P
   Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
151Kb / 7P
   High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - 2N5684

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Power Transistors
September, 2008 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684G ONSEMI-2N5684G Datasheet
119Kb / 5P
   High-Current Complementary Silicon Power Transistors
October, 2007 - Rev. 12
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com