Electronic Components Datasheet Search |
|
Z8PE002HZ010SC Datasheet(PDF) 8 Page - Zilog, Inc. |
|
Z8PE002HZ010SC Datasheet(HTML) 8 Page - Zilog, Inc. |
8 / 48 page Z8PE002 Z8Plus OTP Microcontroller ZiLOG 8 P R E L I M I N A R Y DS008700-Z8X0799 ABSOLUTE MAXIMUM RATINGS Stresses greater than those listed under Absolute Maximum Ratings can cause permanent damage to the device. This rat- ing is a stress rating only. Functional operation of the device at any condition above those indicated in the operational sections of these specifications is not implied. Exposure to absolute maximum rating conditions for an extended period can affect device reliability. Total power dissipation should not exceed 880 mW for the package. Power dissipation is calculated as follows: Parameter Min Max Units Note Ambient Temperature under Bias –40 +105 C Storage Temperature –65 +150 C Voltage on any Pin with Respect to VSS –0.6 +7 V 1 Voltage on VDD Pin with Respect to VSS –0.3 +7 V Voltage on PB5 Pin with Respect to VSS –0.6 VDD+1 V 2 Total Power Dissipation 880 mW Maximum Allowable Current out of VSS 40 mA 3 Maximum Allowable Current into VDD 40 mA 3 Maximum Allowable Current into an Input Pin –600 +600 µA 4 Maximum Allowable Current into an Open-Drain Pin –600 +600 µA 5 Maximum Allowable Output Current Sunk by Any I/O Pin 25 mA Maximum Allowable Output Current Sourced by Any I/O Pin 25 mA Maximum Allowable Output Current Sunk by Port A 40 mA 3 Maximum Allowable Output Current Sourced by Port A 40 mA 3 Maximum Allowable Output Current Sunk by Port B 40 mA 3 Maximum Allowable Output Current Sourced by Port B 40 mA 3 Notes: 1. Applies to all pins except the PB5 pin and where otherwise noted. 2. There is no input protection diode from pin to VDD. 3. Peak Current. Do not exceed 25mA average current in either direction. 4. Excludes XTAL pins. 5. Device pin is not at an output Low state. Total Power Dissipation = VDD x [IDD – (sum of IOH)] + sum of [(VDD – VOH) x IOH] + sum of (VOL x IOL) |
Similar Part No. - Z8PE002HZ010SC |
|
Similar Description - Z8PE002HZ010SC |