Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5486 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5486
Description  JFET VHF/UHF Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5486 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5486 Datasheet HTML 1Page - ON Semiconductor 2N5486 Datasheet HTML 2Page - ON Semiconductor 2N5486 Datasheet HTML 3Page - ON Semiconductor 2N5486 Datasheet HTML 4Page - ON Semiconductor 2N5486 Datasheet HTML 5Page - ON Semiconductor 2N5486 Datasheet HTML 6Page - ON Semiconductor 2N5486 Datasheet HTML 7Page - ON Semiconductor 2N5486 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5486
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
SMALL–SIGNAL CHARACTERISTICS (continued)
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
5.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
1.0
pF
Output Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Coss
2.0
pF
f, FREQUENCY (MHz)
30
10
bis @ IDSS
f, FREQUENCY (MHz)
5.0
Figure 1. Input Admittance (yis)
Figure 2. Reverse Transfer Admittance (yrs)
COMMON SOURCE CHARACTERISTICS
ADMITTANCE PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
20
f, FREQUENCY (MHz)
10
Figure 3. Forward Transadmittance (yfs)
Figure 4. Output Admittance (yos)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20
30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
3.0
0.05
0.07
0.1
0.2
0.3
0.7
0.5
1.0
2.0
10
20
30
50 70 100
200 300
500 700 1000
10
20
30
50 70 100
200 300
500 700 1000
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20 30
50 70 100
200 300
500 700 1000
bis @ 0.25 IDSS
gis @ IDSS
gis @ 0.25 IDSS
brs @ IDSS
0.25 IDSS
grs @ IDSS, 0.25 IDSS
gfs @ IDSS
|bfs| @ IDSS
|bfs| @ 0.25 IDSS
bos @ IDSS and 0.25 IDSS
gos @ IDSS
gos @ 0.25 IDSS
gfs @ 0.25 IDSS


Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N5486 NJSEMI-2N5486 Datasheet
82Kb / 1P
   N-CHANNEL JFET
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
   N-Channel RF Amplifier
More results

Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
   JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com