Electronic Components Datasheet Search |
|
2N5401ZL1 Datasheet(PDF) 4 Page - ON Semiconductor |
|
2N5401ZL1 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 6 page 2N5401 http://onsemi.com 4 Figure 4. “On” Voltages IC, COLLECTOR CURRENT (mA) 0.4 0.6 0.7 1.0 0.2 Figure 5. Temperature Coefficients IC, COLLECTOR CURRENT (mA) 0 TJ = 25°C VCE(sat) @ IC/IB = 10 2.5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 100 TJ = 25°C Cibo Figure 6. Switching Time Test Circuit VR, REVERSE VOLTAGE (VOLTS) 0.9 0.8 0.5 0.3 0.1 VBE(sat) @ IC/IB = 10 0.3 3.0 30 Figure 7. Capacitances 10.2 V Vin 10 ms INPUT PULSE VBB +8.8 V 100 RB 5.1 k 0.25 mF Vin 100 1N914 Vout RC VCC −30 V 3.0 k tr, tf ≤ 10 ns DUTY CYCLE = 1.0% Values Shown are for IC @ 10 mA 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 0.3 3.0 30 2.0 1.5 1.0 0.5 0 −0.5 −1.0 −1.5 −2.0 −2.5 TJ = −55°C to 135°C qVC for VCE(sat) qVB for VBE(sat) Cobo 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 0.7 7.0 1000 100 200 300 500 700 10 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 30 50 100 200 IC, COLLECTOR CURRENT (mA) Figure 8. Turn−On Time IC/IB = 10 TJ = 25°C td @ VBE(off) = 1.0 V VCC = 120 V tr @ VCC = 30 V tr @ VCC = 120 V 2000 100 200 300 500 700 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 30 50 100 200 IC, COLLECTOR CURRENT (mA) Figure 9. Turn−Off Time 1000 tf @ VCC = 120 V tf @ VCC = 30 V ts @ VCC = 120 V IC/IB = 10 TJ = 25°C |
Similar Part No. - 2N5401ZL1 |
|
Similar Description - 2N5401ZL1 |