Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM4226GM Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SSM4226GM
Description  DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSM4226GM Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SSM4226GM Datasheet HTML 1Page - Silicon Storage Technology, Inc SSM4226GM Datasheet HTML 2Page - Silicon Storage Technology, Inc SSM4226GM Datasheet HTML 3Page - Silicon Storage Technology, Inc SSM4226GM Datasheet HTML 4Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SiliconStandard.com
3 of 4
SSM4226M/GM
8/06/2004 Rev.1.02
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage
Reverse Diode
vs. Junction Temperature
0
7
14
21
28
35
01
12
23
V DS , Drain-to-Source Voltage (V)
T A =150
o C
10V
5.0V
4.0V
V G =3.0V
0
7
14
21
28
35
01
12
23
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
5.0V
4.0V
V G =3.0V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =6A
V GS =10V
0
20
40
60
80
2
4
6
8
10
12
V GS , Gate-to-Source Voltage (V)
I D =6.0A
T A =25°C
0.1
1
10
0
0.4
0.8
1.2
1.6
V SD ,Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-50
0
50
100
150
T j , Junction Temperature (
o C )


Similar Part No. - SSM4226GM

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4226GM SSC-SSM4226GM Datasheet
147Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
More results

Similar Description - SSM4226GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB15A04DH8 CYSTEKEC-MTB15A04DH8 Datasheet
704Kb / 11P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
   Dual N-Channel Enhancement Mode Power MOSFET
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
   Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4806B HMSEMI-HM4806B Datasheet
701Kb / 8P
   Dual N-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4804MT A-POWER-AP4804MT Datasheet
258Kb / 8P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6A100M A-POWER-AP6A100M Datasheet
72Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com