Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23S2640E-8BS8 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23S2640E-8BS8
Description  2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23S2640E-8BS8 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSC23S2640E-8BS8 Datasheet HTML 3Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 4Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 5Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 6Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 7Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 8Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 9Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 10Page - OKI electronic componets MSC23S2640E-8BS8 Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MSC23S2640E-8BS8 (98.08.19)
Page 8/11
AC CHARACTERISTIC
(VCC = 3.3
± 0.3V, Ta = 0 ~70°C)
NOTE
1, 2
.
Module Spec.
Parameter
Symbol
Min.
Max.
Unit
Note
Clock Cycle Time
CL=3
tCC
8-
ns
CL=2
12
-
ns
CL=3
tAC
-
6
ns
3, 4
Access Time from Clock
-10
ns
3, 4
Clock "H" Pulse Time
tCH
3-
ns
Clock "L" Pulse Time
tCL
3-
ns
Input Setup Time (CLK, ADD, DIN)
tSI
2-
ns
Input Hold Time (CLK, ADD, DIN)
tHI
1-
ns
Output Low Impedance Time from Clock
tOLZ
3-
ns
Output High Impedance Time from Clock
tOHZ
-9
ns
Output Hold from Clock
tOH
3-
ns
/RAS Cycle Time
tRC
70
-
ns
/RAS Precharge Time
tRP
20
-
ns
/RAS Active Time
tRAS
48
100,000
ns
/RAS to /CAS Delay Time
tRCD
20
-
ns
Write Recovery Time
tWR
8-
ns
Write Command Input Time from Output
tOWD
20
-
ns
/RAS to /RAS Bank Active Delay Time
tRRD
20
-
ns
Refresh Time
tREF
-64
ms
Power-down Exit Set-up Time
tPDE
10
-
ns
Input Level Transition Time
tT
-3
ns
/CAS to /CAS Delay Time (Min)
ICCD
1
Cycle
Clock Disable Time from CKE
ICKE
1
Cycle
Data Output High Impedance Time from DQM
IDOZ
2
Cycle
Data Input Mask Time from DQMB
IDOD
0
Cycle
Data Input Time from Write Command
IDWD
0
Cycle
Data Output High Inpedance Time
IROH
CL
Cycle
Active Command Input Time from MODE
IMRD
3
Cycle
NOTES:
1)
AC measurements assume that tT=1ns.
2)
The reference level for timing of input signals is 1.4V.
3)
This parameter is measured with a load circuit equivalent to 1 TTL load and 50pF
(RLoad is 50ohm).
4)
An access time is measured at 1.4V.
5)
If tT is longer than 1ns, the reference level for timing of input signals are VIH and VIL.
OUTPUT
50pF
OUTPUT LOAD
50
1.4v


Similar Part No. - MSC23S2640E-8BS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23S2720E OKI-MSC23S2720E Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results

Similar Description - MSC23S2640E-8BS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
   8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
   4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
   8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
   4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
   8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
   2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23V23258D OKI-MSC23V23258D Datasheet
373Kb / 10P
   2,097,152 Word X 32 Bit DYNAMIC RAM MODULE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com