Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5302 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N5302
Description  High-Power NPN Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302 Datasheet(HTML) 6 Page - ON Semiconductor

  2N5302 Datasheet HTML 1Page - ON Semiconductor 2N5302 Datasheet HTML 2Page - ON Semiconductor 2N5302 Datasheet HTML 3Page - ON Semiconductor 2N5302 Datasheet HTML 4Page - ON Semiconductor 2N5302 Datasheet HTML 5Page - ON Semiconductor 2N5302 Datasheet HTML 6Page - ON Semiconductor 2N5302 Datasheet HTML 7Page - ON Semiconductor 2N5302 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N5302
http://onsemi.com
6
Notes


Similar Part No. - 2N5302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5302 MOSPEC-2N5302 Datasheet
178Kb / 4P
   POWER TRANSISTORS(200W)
logo
Savantic, Inc.
2N5302 SAVANTIC-2N5302 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
2N5302 ONSEMI-2N5302 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
logo
Inchange Semiconductor ...
2N5302 ISC-2N5302 Datasheet
221Kb / 2P
   isc Silicon NPN Power Transistors
logo
Wing Shing Computer Com...
2N5302 WINGS-2N5302 Datasheet
47Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - 2N5302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
   HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
   HIGH POWER NPN SILICON TRANSISTOR
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
   HIGH-POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
   NPN High Power Silicon Transistor
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
   Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
BUT70 STMICROELECTRONICS-BUT70 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
BUX10 STMICROELECTRONICS-BUX10 Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com