Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4410 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N4410
Description  Amplifier Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4410 Datasheet(HTML) 4 Page - ON Semiconductor

  2N4410 Datasheet HTML 1Page - ON Semiconductor 2N4410 Datasheet HTML 2Page - ON Semiconductor 2N4410 Datasheet HTML 3Page - ON Semiconductor 2N4410 Datasheet HTML 4Page - ON Semiconductor 2N4410 Datasheet HTML 5Page - ON Semiconductor 2N4410 Datasheet HTML 6Page - ON Semiconductor 2N4410 Datasheet HTML 7Page - ON Semiconductor 2N4410 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N4410
http://onsemi.com
4
Figure 3. Collector Cut–Off Region
IC, COLLECTOR CURRENT (mA)
1.0
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
2.5
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE(sat)
0.1
0.2
0.5
Figure 4. “On” Voltages
VBE, BASE-EMITTER VOLTAGE (VOLTS)
101
10-5
Figure 5. Temperature Coefficients
TJ = -55°C to +135°C
0.4
0.3
0.1
0.8
0.6
0.4
0.2
0
100
10-1
10-2
10-3
10-4
0.2
0
0.1
0.2
0.4
0.3
0.6
0.5
VCE = 30 V
TJ = 125°C
75°C
25°C
IC = ICES
3.0
30
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
Figure 6. Switching Time Test Circuit
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
Cibo
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
Cobo
Figure 7. Capacitances
REVERSE
FORWARD
0.3
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
3.0
30
0.3
10.2 V
Vin
10 µs
INPUT PULSE
VBB
-8.8 V
100
RB
5.1 k
0.25 µF
Vin
100
1N914
Vout
RC
VCC
30 V
3.0 k
tr, tf ≤ 10 ns
DUTY CYCLE = 1.0%
Values Shown are for IC @ 10 mA
TJ = 25°C


Similar Part No. - 2N4410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
Fairchild Semiconductor
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
logo
Central Semiconductor C...
2N4410 CENTRAL-2N4410 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N4410 FAIRCHILD-2N4410 Datasheet
316Kb / 9P
   Small Signal General Purpose Amplifiers & Switchs
2N4410 FAIRCHILD-2N4410 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
More results

Similar Description - 2N4410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 1
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
   Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
   Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
   Amplifier Transistor
August, 2006 ??Rev. 1
logo
Fairchild Semiconductor
KSP05 FAIRCHILD-KSP05 Datasheet
35Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
MPS3390 MOTOROLA-MPS3390 Datasheet
169Kb / 5P
   AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1 Datasheet
97Kb / 8P
   Amplifier Transistor
January, 2001 ??Rev. 0
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
MPS4124 MOTOROLA-MPS4124 Datasheet
57Kb / 4P
   Amplifier Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com