Electronic Components Datasheet Search |
|
2N4401RLRP Datasheet(PDF) 3 Page - ON Semiconductor |
|
2N4401RLRP Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 8 page 2N4401 http://onsemi.com 3 ORDERING INFORMATION Device Package Shipping† 2N4401 TO−92 5,000 Units / Box 2N4401RLRA TO−92 2,000 / Tape & Reel 2N4401RLRAG TO−92 (Pb−Free) 2,000 / Tape & Reel 2N4401RLRM TO−92 2,000 / Ammo Pack 2N4401RLRP TO−92 2,000 / Ammo Pack 2N4401RLRPG TO−92 (Pb−Free) 2,000 / Ammo Pack 2N4401ZL1 TO−92 2,000 / Ammo Pack †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Figure 1. Turn−On Time Figure 2. Turn−Off Time SWITCHING TIME EQUIVALENT TEST CIRCUITS Scope rise time < 4.0 ns *Total shunt capacitance of test jig connectors, and oscilloscope +16 V −2.0 V < 2.0 ns 0 1.0 to 100 ms, DUTY CYCLE ≈ 2.0% 1.0 kW +30 V 200 W CS* < 10 pF +16 V −14 V 0 < 20 ns 1.0 to 100 ms, DUTY CYCLE ≈ 2.0% 1.0 kW +30 V 200 W CS* < 10 pF −4.0 V Figure 3. Capacitances REVERSE VOLTAGE (VOLTS) 7.0 10 20 30 5.0 Figure 4. Charge Data IC, COLLECTOR CURRENT (mA) 0.1 2.0 5.0 10 20 2.0 30 50 3.0 2.0 3.0 5.0 7.0 10 1.0 10 20 50 70 100 200 0.1 300 500 0.7 0.5 VCC = 30 V IC/IB = 10 Cobo QT QA 25°C 100°C TRANSIENT CHARACTERISTICS 3.0 1.0 0.5 0.3 0.2 0.3 0.2 30 Ccb |
Similar Part No. - 2N4401RLRP |
|
Similar Description - 2N4401RLRP |