Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMT4504 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMT4504
Description  Four-Channel Loss-Less TrakkerTM Power Supply Manager
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMT4504 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMT4504 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMT4504 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SMT4504
Preliminary Information
Summit Microelectronics, Inc
2071 1.1 01/07/05
11
The end user can obtain the Summit SMX3200
programming
system
for
device
prototype
development. The SMX3200 system consists of a
programming Dongle, cable and Windows
TM
GUI
software. It can be ordered on the website or from a
local representative. The latest revisions of all
software and an application brief describing the
SMX3200
is
available
from
the
website
(www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application. The device is then configured on-screen
via an intuitive graphical user interface employing
drop-down menus.
The Windows GUI software will generate the data and
send it in I2C serial bus format so that it can be
directly downloaded to the SMT4504 via the
programming Dongle and cable. An example of the
connection interface is shown in Figure 4.
When design prototyping is complete, the software
can generate a HEX data file that should be
transmitted to Summit for approval. Summit will then
assign a unique customer ID to the HEX code and
program production devices before the final electrical
test operations.
This will ensure proper device
operation in the end application.
Pin 9, 5V
Pin 7, 10V
Pin 5, Reserv
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable conn
9
7
5
3
1
10
8
6
4
2
SMT4504
SDA
SCL
VDD_CAP
GND
0.1
µF
Positive
Supply
Common
Ground
MR#
Figure 4 – SMX3200 Programmer I2C serial bus connections to program the SMT4504.
DEVELOPMENT HARDWARE & SOFTWARE


Similar Part No. - SMT4504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
SMT4004F ETC-SMT4004F Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Roithner LaserTechnik G...
SMT405R ROITHNER-SMT405R Datasheet
297Kb / 4P
   Visible LED
logo
Artesyn Technologies
SMT40C ARTESYN-SMT40C Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT40C EMERSON-NETWORKPOWER-SMT40C Datasheet
255Kb / 4P
   new high density open frame non-isolated converter
More results

Similar Description - SMT4504

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34440 MAXIM-MAX34440 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 0; 9/10
MAX34440 MAXIM-MAX34440_12 Datasheet
1Mb / 43P
   PMBus 6-Channel Power-Supply Manager
Rev 2; 2/12
MAX34440 MAXIM-MAX34440_V01 Datasheet
705Kb / 43P
   PMBus 6-Channel Power-Supply Manager
2015
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
logo
Advanced Analog Technol...
AAT1401 AAT-AAT1401 Datasheet
357Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
List of Unclassifed Man...
AAT1401 ETC-AAT1401 Datasheet
362Kb / 21P
   FOUR-CHANNEL DIGITAL STILL CAMERA POWER SUPPLY
logo
Summit Microelectronics...
SMT4214 SUMMIT-SMT4214 Datasheet
503Kb / 20P
   Expandable Four-Rail Tracking Manager
logo
Maxim Integrated Produc...
MAX34460EVKIT MAXIM-MAX34460EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 9/12
MAX34461EVKIT MAXIM-MAX34461EVKIT Datasheet
2Mb / 23P
   Four Power-Supply Channels
Rev 0; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com