Electronic Components Datasheet Search |
|
MCP112T-450TT Datasheet(PDF) 9 Page - Microchip Technology |
|
MCP112T-450TT Datasheet(HTML) 9 Page - Microchip Technology |
9 / 22 page 2004 Microchip Technology Inc. DS21889B-page 9 MCP111/112 Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP111; see Figure 4-1), TA = –40°C to +125°C. FIGURE 2-25: tRT vs. Temperature (MCP111-195). FIGURE 2-26: tRT vs. Temperature (MCP112-300). FIGURE 2-27: tRT vs. Temperature (MCP112-475). 20 25 30 35 40 45 50 55 60 -40 -15 10 35 60 85 110 Temperature (°C) V DD increasing from: 0V - 2.1V VDD increasing from: 0V - 5.5V VDD increasing from: 0V - 2.8V VDD increasing from: 0V - 4.0V MCP111-195 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 -40 -15 10 35 60 85 110 Temperature (°C) VDD increasing from: 0V - 3.1V VDD increasing from: 0V - 5.5V VDD increasing from: 0V - 3.3V VDD increasing from: 0V - 4.0V MCP112-300 0.0800 0.0900 0.1000 0.1100 0.1200 0.1300 0.1400 0.1500 -40 -15 10 35 60 85 110 Temperature (°C) VDD increasing from: 0V - 4.8V VDD increasing from: 0V - 5.5V VDD increasing from: 0V - 4.9V VDD increasing from: 0V - 5.0V MCP112-475 |
Similar Part No. - MCP112T-450TT |
|
Similar Description - MCP112T-450TT |