Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM2G54 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SM2G54
Description  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM2G54 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM2G54 Datasheet HTML 1Page - Toshiba Semiconductor SM2G54 Datasheet HTML 2Page - Toshiba Semiconductor SM2G54 Datasheet HTML 3Page - Toshiba Semiconductor SM2G54 Datasheet HTML 4Page - Toshiba Semiconductor SM2G54 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM2G54,SM2L54
2004-07-15
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR
SILICON PLANAR TYPE
SM2G54,SM2L54
AC POWER CONTROL APPLICATIONS
Repetitive Peak Off−State Voltage : VDRM = 800V
R.M.S. On−State Current
: IT (RMS) = 2A
High Commutation (dv / dt)
: (dv / dt) c = 5V / µs (Min.)
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Off−State Voltage
VDRM
800
V
R.M.S. On−State Current
(Full Sine Waveform)
IT (RMS)
2
A
8 (50Hz)
Peak One Cycle Surge On−State
Current (Non-Repetitive)
ITSM
8.8 (60Hz)
A
I
2
t Limit Value
I
2
t
0.32
A
2
s
Critical Rate of Rise of On−State
Current
(Note)
di / dt
50
A / µs
Peak Gate Power Dissipation
PGM
3
W
Average Gate Power Dissipation
PG (AV)
0.3
W
Peak Gate Voltage
VFGM
10
V
Peak Gate Current
IGM
1.6
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Note:
di / dt test condition
VDRM = 400V, ITM ≤ 3A, tgw ≥ 10µs, tgr ≤ 250ns, igp = IGT × 2.0
Unit: mm
JEDEC
JEITA
TOSHIBA
Weight: 0.82g
1 : T1
2 : T2
3 : GATE


Similar Part No. - SM2G54

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
   IGBT MODULE
More results

Similar Description - SM2G54

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8G48 TOSHIBA-SM8G48 Datasheet
225Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com