Electronic Components Datasheet Search |
|
232266296 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
232266296 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 8 page 2322 662 96... PTC Thermistors For Degaussing, Dual, Mono And Double Mono Cased Vishay BCcomponents Document Number: 29077 For technical questions contact: nlr.europe@vishay.com www.vishay.com Revision: 10-Oct-03 185 DUAL RANGE ELECTRICAL DATA AND ORDERING INFORMATION MINIMUM PEAK-TO-PEAK(2)(6) INRUSH CURRENT (A) MAXIMUM PEAK-TO-PEAK(2) RESIDUAL CURRENT (mA) R25(3) (Ω Ω Ω Ω) Rcoil(4)(6) (Ω Ω Ω Ω) TYPICAL DECAY PERFORMANCE TYPE(8) CATALOG NUMBER(9) 2322 662 ..... after 5 s after 30 s after 180 s Rs ± ± ± ±% MIN. TYP. DECAY TIME(5)(6) (ms) ALPHA MAX.(6) (%) 4e/1e pitch 4e/2e pitch UR = 220 to 240 VRMS (Umax = 276 VRMS) 11 50 5 2 30 25 17 25 60 36 − 96209 96309 14 50 5 2 26 25 14 17 40 43 − 96211 96311 16 80 8 4 22 25 14 17 40 44 − 96216 96316 16 80 8 2 22 25 10 17 65 33 LD 96616 96716 20 80 8 2 18 25 10 13 50 38 − 96624 96724 18 80 15 2 18 25 10 17 75 29 LD 96626 96726 25 80 10 4 14 25 10 10 40 45 − 96602 96702 25 80 10 4 14 25 10 10 45 40 LD 96642 96742 21 80 10 5 12 20 10 17 70 36 LT 96606 96706 21 100 20 5 12 20 10 17 80 30 LD/LT 96646 96746 20 100 40 5 9 20 13 20 95 33 LT 96608 96708 20 100 25 10 9 20 13 20 115 26 LD/LT 96648 96748 21 100 40 10 7 20 20 20 110 33 LD/LT − 96709 UR = 100 to 120 VRMS (Umax = 145 VRMS) 19 200 20 10 7 20 5 7 80 31 LT 96213 96313 27 200 50 14 5 30/15 5 6 85 30 − 96605 96705 30 200 20 10 5 20 4 5 85 31 LD/LT 96645 96745 30 200 20 10 3 30/15 4 6 115 29 LD 96643 96743 MONO CASED RANGE ELECTRICAL DATA AND ORDERING INFORMATION Notes 1. Electrical data and catalog numbers. The shading indicates preferred types. 2. All peak-to-peak currents are measured at typical resistance of the coil, at 50 Hz (AC), at 25ºC and at 220 Vrms for the 276V types, and 110Vrms for the 145V types. 3. Lower tolerances on resistance of degaussing PTC are available on request. 4. Lower minimum coil resistance is available on request. 5. Decay time is the time from the moment of maximum peak current until the half of the maximum peak inrush current. 6. Alpha maximum is the maximum decrease in current expressed in percent between two successive peaks. 7. Inrush currents and decay times at other voltage coil combinations can be derived from Figures 7 to 13, see section ‘Introduction, PTC thermistors for degaussing”. 8. LT = low tolerance; LD = long decay. 9. Smallest packaging quantity (SPQ) = 600 units. MINIMUM PEAK-TO-PEAK(2) INRUSH CURRENT (A) MAXIMUM PEAK-TO-PEAK(2) RESIDUAL CURRENT (mA) R25(3) (Ω Ω Ω Ω) Rcoil(4)(7) (Ω Ω Ω Ω) TYPICAL DECAY PERFORMANCE TYPE(8) CATALOG NUMBER(9) 2322 662 ..... after 5 s after 30 s after 180 s Rs ± ± ± ±% MIN. TYP. DECAY TIME(5)(7) (ms) ALPHA MAX.(6) (%) 4e pitch UR = 220 to 240 VRMS (Umax = 276 VRMS) 11 100 40 20 30 25 17 25 75 30 − 96281 12 50 30 20 26 25 14 25 90 30 − 96688 16 80 40 20 22 25 14 17 40 44 − 96286 20 100 50 25 18 25 10 13 50 38 − 96682 25 200 50 30 14 25 10 10 40 45 − 96683 25 200 80 30 14 25 10 10 45 40 LD 96692 21 200 80 30 12 20 10 17 70 36 − 96684 21 200 80 30 12 20 10 17 80 30 LD 96696 20 100 50 30 9 20 13 20 95 33 LT 96687 20 200 50 25 9 20 13 20 115 26 LD/LT 96698 21 100 50 30 7 20 20 20 110 33 LD/LT 96681 UR = 100 to 120 VRMS (Umax = 145 VRMS) 19 200 70 40 7 20 5 7 80 31 − 96285 27 200 70 40 5 30/1 5 6 85 30 − 96686 30 200 70 40 5 20 4 5 85 31 LD 96695 30 200 70 40 3 30/1 4 6 115 29 LD 96693 |
Similar Part No. - 232266296 |
|
Similar Description - 232266296 |