Electronic Components Datasheet Search |
|
232266296716 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
232266296716 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 8 page 2322 662 96... PTC Thermistors For Degaussing, Dual, Mono And Double Mono Cased Vishay BCcomponents Document Number: 29077 For technical questions contact: nlr.europe@vishay.com www.vishay.com Revision: 10-Oct-03 189 MATERIAL INFORMATION(1) Note 1. See Mono, Dual and Double mono cased PTC Degaussing drawings. NUMBER DESCRIPTION MATERIAL AND REMARKS 1 base glass fibre reinforced polybutyleneteraphtalate (PBTP); self-extinguishing according to “UL 94 V-0”, UL number E69578(M) or equivalent 2 cap 3 spring contact (outer) corrosion resisting steel with nickel/silver flash; pin termination in Sn60Pb40 coated 4 central contact 5 degaussing PTC thermistor (Rs) BaTiO3 doped 6 heater PTC thermistor (Rp) MASS MARKING PRODUCT MARKING The thermistors are manufactured in Belgium and assembly is either in Belgium or Indonesia (Batam). The products are marked on the top with the last five digits of the catalogue number, code of manufacturer and the date code (year, week, day and batch of manufacture). PTC DEGAUSSING MASS PER UNIT (g) PER BOX OF 600 units (kg) DUAL OR DOUBLE MONO ≈5.0 ≈3.6 MONO CASED ≈4.2 ≈3.0 ASSEMBLED IN BELGIUM MARKING EXAMPLE ASSEMBLED IN INDONESIA (BATAM) MARKING EXAMPLE MARKING DESCRIPTION 96724 last 5-digits of code number BC code of manufacturer 1141A manufacturing date (YWWDx) MARKING DESCRIPTION BC code of manufacturer 96724 last 5-digits of code number SP code of assembler 1141A manufacturing date (YWWDx) 96724 BC1141A BC96724 SP1141A PACKAGE MARKING The package containing the thermistors marked as shown in the barcode label below. JW90 Barcode label. BARCODE LABEL MARKING LINE MARKING EXPLANATION 1 Name of manufacturer; country of origin 2 Batch number 3 Preference origin code: A Country of origin in code: 170 (Belgium) Responsible production centre: VS 4 Quantity and production period, year, week day and batch code 5 Product type description 6 Product code (12NC) |
Similar Part No. - 232266296716 |
|
Similar Description - 232266296716 |